Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS200-24 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # MPS200-24
Description  200W 1~4 Output for Medical Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS200-24 Datasheet(HTML) 3 Page - Astrodyne Corporation

  MPS200-24 Datasheet HTML 1Page - Astrodyne Corporation MPS200-24 Datasheet HTML 2Page - Astrodyne Corporation MPS200-24 Datasheet HTML 3Page - Astrodyne Corporation MPS200-24 Datasheet HTML 4Page - Astrodyne Corporation MPS200-24 Datasheet HTML 5Page - Astrodyne Corporation MPS200-24 Datasheet HTML 6Page - Astrodyne Corporation MPS200-24 Datasheet HTML 7Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
200W 1~4 Output for Medical Type
MPS/D/T/Q200 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264VAC / 127-370 Volts(DC)
Frequency Range
47-440 Hz
Inrush Current, typ:
cold start <25Amps @ 115VAC Input
40 Amps @ 230VAC
Input Current
3.5 Amps max @ 115VAC
1.6 Amps max @ 230VAC
Power Factor @ FL
PF>0.95/230VAC
PF>0.98/115VAC
Leakage current
heart leakage
< 0.18mA / 264VAC
patient leakage
< 0.1mA / 264VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
See Selection Chart
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
16mS @ 230VAC
16mS @ 115VAC
Setup, Rise Time @ FL:
1000mS, 20mS / 230VAC
3000mS, 20ms / 115VAC
Over Temperature Protection
TSW1 Temp ≥ 95°C, shutdown
auto recover
Over Voltage Protection
5Volts only:115~135%, shutdown
Over Current Protection
Hiccup type 120~160% auto recover
Peak Load (Note 3)
120% of output min.
Min load
Single O/P
0%
Multi O/P
20%
DC Volt Adj
-5%~10% rated output volt
by potential meter
GENERAL SPECIFICATIONS
Safety
UL60601-1 / UL60950-1
TUV EN60601-1 / TUV EN60950-1
IEC60601-1 approved
Insulation Resistance
≥ 100MΩ
EMI
Compliance to EN55011, EN55022
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
81% typ.
Isolation
4000VAC Input - Output
1500VAC Input - Ground
1500VAC Output- Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204
Remote Control
RC+/RC-: 0~0.8Vots(DC) = Power On
4~10Volts(DC) = Power Off
Power Good/Fail
500ms/1ms
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20°C to +70°C (See Derate Curve)
Storage Temperature
-40°C to +85°C, 10~90% RH
Relative Humidity
20 to +90% RH
Temperature Coefficient
0.04% / °C (0-50°C)
MTBF
262.1KHrs min, MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
177.8 x 107.2 x 35.5
Inches
7” x 4.22” x 1.4”
Weight
23.28 oz (660g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
3. 33% Duty cycle max within every 30S. Average output power should
not exceed the rated power.
4. Derating may be needed under low inpt voltages. Please check the
derating curve for more details.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - MPS200-24

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS2000 BOWEI-MPS2000 Datasheet
231Kb / 3P
   Fixecd PLL synthesizer
MPS2000BT-20M-LT BOWEI-MPS2000BT-20M-LT Datasheet
104Kb / 1P
   Fixed frequency synthesizer (integrated TCXO)
MPS2000D-100M BOWEI-MPS2000D-100M Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
More results

Similar Description - MPS200-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-200 ASTRODYNE-MPS-200 Datasheet
439Kb / 4P
   200W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MSP-200-24 MEANWELL-MSP-200-24 Datasheet
164Kb / 4P
   200W Single Output Medical Type
MSP-200 MEANWELL-MSP-200 Datasheet
153Kb / 3P
   200W Single Output Medical Type
logo
Astrodyne Corporation
MPS-120 ASTRODYNE-MPS-120 Datasheet
390Kb / 3P
   120W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPD-200 MEANWELL-MPD-200_10 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPD-120 MEANWELL-MPD-120 Datasheet
281Kb / 3P
   1~4 Output Medical Type
MPT-200 MEANWELL-MPT-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPS-120 MEANWELL-MPS-120 Datasheet
317Kb / 3P
   1~4 Output Medical Type
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
   1~4 Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com