Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS65-24 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MPS65-24
Description  65W Single Output for Medical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS65-24 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MPS65-24 Datasheet HTML 1Page - Astrodyne Corporation MPS65-24 Datasheet HTML 2Page - Astrodyne Corporation MPS65-24 Datasheet HTML 3Page - Astrodyne Corporation MPS65-24 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
65W Single Output for Medical Type
MPS65 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264VAC / 127-370 Volts(DC)
Frequency Range
47-440 Hz
Inrush Current, typ: (cold start)
15Amps @ 115VAC Input
30 Amps @ 230VAC
Input Current
1.6 Amps max @ 115VAC
0.9 Amps max @ 230VAC
Leakage current
< 0.3mA / 264 VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±1.0%
Load Regulation
±3.0%: 3.3~7.5Volts(DC)
±2.0%: 12~48Volts(DC)
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
80mVpk-pk: 3.3Volts(DC):
100mVpk-pk: 5~48Volts(DC)
Hold Up Time @ FL
50mS @ 230VAC
16mS @ 115VAC
Setup, Rise Time @ FL
800mS, 30mS/230VAC
800mS. 30mS/115VAC
Over Voltage Protection
See Selection Chart
Hiccup mode, auto recover
Over Current Protection
73~105W rated output power
Hiccup mode, auto recover
DC Volt Adjust
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL2601-1
TUV EN60601-1
IEC60601-1 approved
Insulation Resistance
≥ 100MΩ
EMI
Compliance to EN55011(CISPR11)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
See Selection Chart
Isolation
4000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204, EN55024, EN60601-1-2,
medical level, criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH non cond
Temperature Coefficient
0.04% / °C (0-50°C) on +5V output
MTBF
359.7KHrs min,MIL-UDBK-217F(-25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
127 x 76 x 42
Inches
5” x 2.99” x 1.65”
Weight
8.11 oz (230g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - MPS65-24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
MPS650 ONSEMI-MPS650 Datasheet
74Kb / 5P
   Amplifier Transistors
April, 2007 ??Rev. 3
logo
Central Semiconductor C...
MPS650 CENTRAL-MPS650 Datasheet
463Kb / 2P
   NPN - High Current Transistor Chip
logo
Continental Device Indi...
MPS650 CDIL-MPS650 Datasheet
197Kb / 3P
   NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
MPS650 NJSEMI-MPS650 Datasheet
96Kb / 2P
   Amplifier Transistors
More results

Similar Description - MPS65-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
   65W Single Output for Medical Type
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
   65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
   65W Single Output Medical Type
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
   65W Triple Output Medical Type
MPD-65 MEANWELL-MPD-65_11 Datasheet
338Kb / 2P
   65W Dual Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com