Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65105 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65105
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65105 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65105 Datasheet HTML 6Page - Texas Instruments TPS65105 Datasheet HTML 7Page - Texas Instruments TPS65105 Datasheet HTML 8Page - Texas Instruments TPS65105 Datasheet HTML 9Page - Texas Instruments TPS65105 Datasheet HTML 10Page - Texas Instruments TPS65105 Datasheet HTML 11Page - Texas Instruments TPS65105 Datasheet HTML 12Page - Texas Instruments TPS65105 Datasheet HTML 13Page - Texas Instruments TPS65105 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 18 V (Doubler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
0
0.02
0.04
0.06
0.08
0.10
0.12
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 28 V (Tripler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
DETAILED DESCRIPTION
Main Boost Converter
VCOM Buffer
Enable and Power On Sequencing (EN, ENR)
TPS65100
TPS65105
SLVS496B – SEPTEMBER 2003 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
Vo3 MAXIMUM LOAD CURRENT
Vo3 MAXIMUM LOAD CURRENT
Figure 13.
Figure 14.
The TPS65100/05 consists of a main boost converter operating with a fixed switching frequency of 1.6 MHz to
allow for small external components. The boost converter output voltage Vo1 is also the input voltage, connected
via the pin SUP, for the positive and negative charge pumps and the bias supply for the VCOM buffer. The linear
regulator controller is independent from this system with its own enable pin. This allows the linear regulator
controller to continue to operate while the other supply rails are disabled or in shutdown due to a fault condition
on one of their outputs. See the functional block diagram for more information.
The main boost converter operates with PWM and a fixed switching frequency of 1.6 MHz. The converter uses a
unique fast response, voltage mode controller scheme with input voltage feedforward. This achieves excellent
line and load regulation (0.2% A load regulation typical) and allows the use of small external components. To add
higher flexibility to the selection of external component values the device uses external loop compensation.
Although the boost converter looks like a nonsynchronous boost converter topology operating in discontinuous
mode at light load, the TPS65100/05 maintains continuous conduction even at light load currents.
This is achieved with a unique architecture using an external Schottky diode and an integrated MOSFET in
parallel connected between SW and SUP (see the functional block diagram). The integrated MOSFET Q2 allows
the inductor current to become negative at light load conditions. For this purpose, a small integrated P-channel
MOSFET with typically 10
Ω r
DSon is sufficient. When the inductor current is positive, the external Schottky diode
with the lower forward voltage conducts the current. This causes the converter to operate with a fixed frequency
in continuous conduction mode over the entire load current range. This avoids the ringing on the switch pin as
seen with a standard nonsynchronous boost converter and allows a simpler compensation for the boost
converter.
VCOMIN is the input of the VCOM buffer. If the VCOM buffer is not required for certain applications, it is possible
to shut down the VCOM buffer by statically connecting VCOMIN to ground, reducing the overall quiescent
current. The VCOM buffer features soft start avoiding a large voltage drop at Vo1 during start-up. The VCOMIN
cannot be pulled dynamically to ground during operation.
The device has two enable pins. These pins should be terminated and not left floating to prevent unpredictable
operation. Pulling the enable pin (EN) high enables the device and starts the power on sequencing with the main
boost converter Vo1 coming up first then the negative and positive charge pumps and the VCOM buffer. If the
VCOMIN pin is held low, the VCOM buffer remains disabled. The linear regulator has an independent enable pin
(ENR). Pulling this pin low disables the regulator, and pulling this pin high enables this regulator.
10


Similar Part No. - TPS65105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65105 TI-TPS65105 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65105PWP TI-TPS65105PWP Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65105PWPG4 TI-TPS65105PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65105PWPR TI-TPS65105PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65105PWPRG4 TI-TPS65105PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Similar Description - TPS65105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com