Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMZ43B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SMZ43B
Description  Surface Mount Silicon-Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMZ43B Datasheet(HTML) 2 Page - Diotec Semiconductor

  SMZ43B Datasheet HTML 1Page - Diotec Semiconductor SMZ43B Datasheet HTML 2Page - Diotec Semiconductor SMZ43B Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMZ10B ... SMZ200B (2 W, 2%)
Maximum ratings and Characteristics
(Tj = 25°C unless otherwise specified)
Grenz- und Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
SMZ10B
9.79
10.21
50
2 (<4)
+5…+9
> 5
189
SMZ11B
10.79
11.21
50
4 (<7)
+5…+10
> 5
172
SMZ12B
11.79
12.21
50
4 (<7)
+5…+10
> 7
157
SMZ13B
12.68
13.32
50
5 (<10)
+5…+10
> 7
142
SMZ15B
14.68
15.32
50
5 (<10)
+5…+10
> 10
128
SMZ16B
15.68
16.32
25
6 (<15)
+6…+11
> 10
117
SMZ18B
17.58
18.42
25
6 (<15)
+6…+11
> 10
105
SMZ20B
19.58
20.42
25
6 (<15)
+6…+11
> 10
94
SMZ22B
21.58
22.42
25
6 (<15)
+6…+11
> 12
86
SMZ24B
23.48
24.52
25
7 (<15)
+6…+11
> 12
78
SMZ27B
26.48
27.52
25
7 (<15)
+6…+11
> 14
69
SMZ30B
29.38
30.62
25
8 (<15)
+6…+11
> 14
63
SMZ33B
32.3
33.8
25
8 (<15)
+6…+11
> 17
57
SMZ36B
35.2
36.8
10
16 (<40)
+6…+11
> 17
53
SMZ39B
38.1
39.9
10
20 (<40)
+6…+11
> 20
49
SMZ43B
42.0
44.0
10
24 (<45)
+7…+12
> 20
43
SMZ47B
46.0
48.0
10
24 (<45)
+7…+12
> 24
40
SMZ51B
49.9
52.1
10
25 (<60)
+7…+12
> 24
37
SMZ56B
54.8
57.2
10
25 (<60)
+7…+12
> 28
33
SMZ62B
60.7
63.3
10
25 (<80)
+8…+13
> 28
30
SMZ68B
66.5
69.5
10
25 (<80)
+8…+13
> 34
28
SMZ75B
73.4
76.6
10
30 (<100)
+8…+13
> 34
25
SMZ82B
80.3
83.7
10
30 (<100)
+8…+13
> 41
23
SMZ91B
89.1
92.9
5
40 (<200)
+9…+13
> 41
21
SMZ100B
97.9
102.1
5
60 (<200)
+9…+13
> 50
19
SMZ110B
108
112
5
80 (<250)
+9…+13
> 50
18
SMZ120B
118
122
5
80 (<250)
+9…+13
> 60
16
SMZ130B
127
133
5
90 (<300)
+9…+13
> 60
15
SMZ150B
147
153
5
100 (<300)
+9…+13
> 75
13
SMZ160B
157
163
5
110 (<350)
+9…+13
> 75
12
SMZ180B
176
184
5
120 (<350)
+9…+13
> 90
11
SMZ200B
196
204
5
150 (<350)
+9…+13
> 90
10
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - SMZ43B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMZ43 DIOTEC-SMZ43 Datasheet
55Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ43 DIOTEC-SMZ43 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SMZ43 SEMIKRON-SMZ43 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
Diotec Semiconductor
SMZ43 DIOTEC-SMZ43 Datasheet
158Kb / 3P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Shenzhen Luguang Electr...
SMZ43 LUGUANG-SMZ43 Datasheet
143Kb / 2P
   Surface mount Silicon-Zener Diodes
More results

Similar Description - SMZ43B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com