Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3156 Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM3156
Description  Low-Voltage SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3156 Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM3156_14 Datasheet HTML 1Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3156_14 Datasheet HTML 9Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
3/9
UM3156
Electrical Characteristics
Symbol
Parameter
Test Conditions
Vcc(V)
Temp
Limits (–40 to 85 °C)
Unit
Min
Typ
Max
DC Electrical Characteristics
Analog Signal Range
Vcc
Full
0
Vcc
V
IIN
Input Leakage Current
0≤V
IN≤5.5V
0 to 5.5
Room
Full
±0.05
±0.1
±1
μA
IOFF
OFF State Leakage
Current
0≤A, B≤Vcc
1.65 to 5.5
Room
Full
±0.05
±0.1
±1
μA
VIH
Input High Voltage
1.65 to 2.3
Full
1.1
V
2.3 to 2.7
1.4
2.7 to 3.6
1.8
3.6 to 4.3
2.1
4.3 to 5.5
2.6
VIL
Input Low Voltage
1.65 to 2.3
Full
0.4
V
2.3 to 2.7
0.7
2.7 to 3.6
1.0
3.6 to 4.3
1.3
4.3 to 5.5
1.5
ICC
Quiescent Supply
Current
VIN =Vcc or GND
IO=0
5.5
Room
Full
1.0
10
μA
RON
On-Resistance (Note3)
VIN = 0V, IO=30mA
VIN = 2.4V, IO=-30mA
VIN = 4.5V, IO=-30mA
4.5
Full
3.0
4.0
4.5
7.0
12
15
Ω
VIN = 0V, IO=24mA
VIN = 3V, IO=-24mA
3.0
Full
4.0
6.0
9.0
20
VIN = 0V, IO=8mA
VIN = 2.3V, IO=-8mA
2.3
Full
5.0
8.0
12
30
VIN = 0V, IO=4mA
VIN = 1.65V, IO=-4mA
1.65
Full
6.5
15
20
50
RRANGE
On Resistance Over
Signal Range
(Note3,7)
IA=-30mA
0≤V
Bn≤Vcc
4.5
Full
25
Ω
IA=-24mA
0≤V
Bn≤Vcc
3.0
Full
50
IA=-8mA, 0≤VBn≤Vcc
2.3
Full
100
IA=-4mA, 0≤VBn≤Vcc
1.65
Full
300
ΔR
ON
On Resistance Match
Between Channels
(Note3,4,5)
IA=-30mA, VBn = 3.15V
4.5
Room
0.15
Ω
IA=-24mA, VBn = 2.1V
3.0
Room
0.2
IA=-8mA, VBn = 1.6V
2.3
Room
0.5
IA=-4mA, VBn = 1.15V
1.65
Room
0.5
RFLAT
On Resistance Flatness
(Note3,4,6)
IA=-30mA
0≤V
Bn≤Vcc
5.0
Room
6.0
Ω
IA=-24mA
0≤V
Bn≤Vcc
3.3
Room
12
IA=-8mA, 0≤VBn≤Vcc
2.5
Room
28
IA=-4mA, 0≤VBn≤Vcc
1.8
Room
125


Similar Part No. - UM3156_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
More results

Similar Description - UM3156_14

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
   Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com