Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3204H Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM3204H
Description  4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3204H Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM3204H Datasheet HTML 1Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 2Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 3Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 4Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 5Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 6Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 7Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 8Page - Union Semiconductor, Inc. UM3204H Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.08 Dec.2014
5/15
UM3204
Electrical Characteristics (Note 1, 2, 3)
Over recommended operating free-air temperature range (unless otherwise noted)
Parameter
Test
Conditions
VCCA
VCCB
TA=25℃
-40℃ to 85℃
Unit
Typ
Max
Min
Max
VOHA
IOH=-20μA
1.65V to 3.6V
2.3V to 5.5V
VCCA×0.8
V
VOLA
IOL=1mA
1.65V to 3.6V
2.3V to 5.5V
0.4
V
VOHB
IOH=-20μA
1.65V to 3.6V
2.3V to 5.5V
VCCB×0.8
V
VOLB
IOL=1mA
1.65V to 3.6V
2.3V to 5.5V
0.4
V
II
OE
VI=VCCI or
GND
1.65V to 3.6V
2.3V to 5.5V
±1
±2
μA
IOZ
A or B Port
OE=VIL
1.65V to 3.6V
2.3V to 5.5V
±1
±2
μA
ICCA
VI=VO=open,
IO=0
1.65V to VCCB
2.3V to 5.5V
2.4
μA
3.6V
0V
2.2
0V
5.5V
-1
ICCB
VI=VO=open,
IO=0
1.65V to VCCB
2.3V to 5.5V
12
μA
3.6V
0V
-1
0V
5.5V
1
ICCA +ICCB
VI=VO=open,
IO=0
1.65V to 3.6V
2.3V to 5.5V
14.4
μA
Ci
OE
3.3V
3.3V
2.5
3.5
pF
CiO
A Port
3.3V
3.3V
5
6.5
pF
B Port
12
16.5
Note1. VCCI is the supply voltage associated with the input port.
Note2. VCCO is the supply voltage associated with the output port.
Note3. VCCA must be less than or equal to VCCB and must not exceed 3.6 V.


Similar Part No. - UM3204H

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3204H UNIONSEMI-UM3204H Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3204H

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com