Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3202V Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM3202V
Description  2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3202V Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM3202V Datasheet HTML 1Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 2Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 3Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 4Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 5Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 6Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 7Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 8Page - Union Semiconductor, Inc. UM3202V Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.10 May.2016
2/15
UM3202
Pin Configurations
Top View
(Top View)
AH
Marking
Pin 1
M: Month Code
UM3202Q
DFN8 1.70×1.35
(Top View)
1
2
3
4
5
6
7
8
9
10
VCCB
VCCA
A1
A2
OE
NC
NC
GND
B2
B1
AA
Marking
Pin 1
M: Month Code
UM3202A
QFN10 1.8×1.4
(Top View)
A
B
C
D
1
2
EBA
Marking Ball A1
M: Month Code
UM3202H
CSP8 1.9×0.9
1
2
3
4
8
7
6
5
B2
GND
VCCA
A2
A1
OE
VCCB
B1
1
2
3
4
8
7
6
5
VA
M: Month Code
UM3202V
VSSOP8


Similar Part No. - UM3202V

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3202 UNITPOWER-UM3202 Datasheet
782Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202H UNIONSEMI-UM3202H Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3202V

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com