Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3243EEAS Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3243EEAS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EEAS Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3243EEAS Datasheet HTML 2Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 3Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 4Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 5Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EEAS Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
6/22
UM3243
Auto Power-Off Electrical Characteristics
Over recommended ranges of supply voltage and operating free-air temperature (unless otherwise
noted) (Figure 6)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Receiver Input Positive
Threshold to INVALID
_______________
Output High
VIT+(valid)
FORCEON=GND,
FORCEOFF
___________________
=VCC
2.7
V
Receiver Input Negative
Threshold to INVALID
_______________
Output High
VIT-(valid)
FORCEON=GND,
FORCEOFF
___________________
=VCC
-2.7
V
Receiver Input Threshold
to
INVALID
_________________
Output
Low
VT(invalid)
FORCEON=GND,
FORCEOFF
___________________
=VCC
-0.3
0.3
V
Receiver
Positive
or
Negative
Threshold
to
INVALID
_________________
High
tvalid
FORCEON=GND,
FORCEOFF
___________________
=VCC,
VCC=5V, Figure 6
1
μs
Receiver
Positive
or
Negative
Threshold
to
INVALID
_________________
Low
tinvalid
FORCEON=GND,
FORCEOFF
___________________
=VCC,
VCC=5V, Figure 6
30
μs
Receiver Edge to Charge
Pump Setup
ten
FORCEON=GND,
FORCEOFF
___________________
=VCC,
VCC=5V, Figure 6
150
μs


Similar Part No. - UM3243EEAS

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM3201 XINDEYI-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3201 UNITPOWER-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
UM3202 UNITPOWER-UM3202 Datasheet
782Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3243EEAS

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com