Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3243EEQA Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM3243EEQA
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EEQA Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM3243EEQA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EEQA Datasheet HTML 14Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
10/22
UM3243
Function Tables
Table 1. Each Transmitter (Note 2)
INPUTS
OUTPUT
TRANSMITTER STATUS
TIN
FORCEON
FORCEOFF
______________________
VALID RIN
RS-232 LEVEL
TOUT
X
X
L
X
Z
Forced Power-Off
L
H
H
X
H
Normal Operation
with Forced Power-On
H
H
H
X
L
L
L
H
Yes
H
Normal Operation
with Auto Power-On
H
L
H
Yes
L
X
L
H
No
Z
Auto Power-Off
Note 2: H=high level, L=low level, X=irrelevant, Z=high impedance
Table 2. Each Receiver (Note 3)
INPUTS
OUTPUT
RECEIVER STATUS
RIN
FORCEON
FORCEOFF
______________________
ROUT
X
X
L
Z
Forced Power-Off
L
X
H
H
Normal Operation
H
X
H
L
Open
X
H
H
Table 3. ROUT2B and Outputs INVALID
________________
(Note 3)
INPUTS
OUTPUTS
OUTPUT STATUS
VALID RIN
RS-232 LEVEL
RIN2
FORCEON
FORCEOFF
______________________
INVALID
_________________
ROUT2B
Yes
L
X
X
H
L
Always Active
Yes
H
X
X
H
H
Yes
Open
X
X
H
L
No
Open
X
X
L
L
Note 3: H=high level, L=low level, X=irrelevant, Z=high impedance (off), Open=input disconnected
or connected driver off


Similar Part No. - UM3243EEQA

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM3201 XINDEYI-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3201 UNITPOWER-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
UM3202 UNITPOWER-UM3202 Datasheet
782Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3243EEQA

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com