Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3302H Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM3302H
Description  2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3302H Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM3302H_14 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 11Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 12Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 13Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.08 Dec.2014
11/13
UM3302H/UM3302Q
Package Information
UM3302H: CSP8 1.90×0.90
Outline Drawing
E
Ball 1
Index Aera
Top View
Bottom View
Side View
C
E1
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.65
0.026
A1
0.21
0.24
0.008
0.010
D
1.85
1.95
0.074
0.078
E
0.85
0.95
0.034
0.038
D1
1.50BSC
0.06BSC
E1
0.50BSC
0.020BSC
e
0.50BSC
0.02BSC
b
0.27
0.32
0.011
0.013
C
0.25BSC
0.01BSC
L
0.25BSC
0.01BSC
Land Pattern
NOTES:
1. Bump is Lead Free Sn/Ag/Cu.
2. Unit: mm;
3. Non-solder mask defined copper landing pad.
4. Laser Mark on silicon die back; back-lapped.
Tape and Reel Orientation
M


Similar Part No. - UM3302H_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3302H UNIONSEMI-UM3302H Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
More results

Similar Description - UM3302H_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com