Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBN9604SLB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9604SLB
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604SLB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  USBN9604SLB Datasheet HTML 1Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 2Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 3Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 4Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 5Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 6Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 7Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 8Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
www.national.com
Features
q
Full-speed USB node device
q
Integrated USB transceiver
q
Supports 24 MHz oscillator circuit with internal 48
MHz clock generation circuit
q
Programmable clock generator
q
Serial Interface Engine (SIE) consisting of Physical
Layer Interface (PHY) and Media Access Controller
(MAC), USB Specification 1.0 and 1.1 compliant
q
Control/Status register file
q
USB Function Controller with seven FIFO-based End-
points:
— One bidirectional Control Endpoint 0 (8 bytes)
— Three Transmit Endpoints (64 bytes each)
— Three Receive Endpoints (64 bytes each)
q
8-bit parallel interface with two selectable modes:
— Non-multiplexed
— Multiplexed (Intel compatible)
q
Enhanced DMA support
— Automatic DMA (ADMA) mode for fully CPU-inde-
pendent transfer of large bulk or ISO packets
— DMA controller, together with the ADMA logic, can
transfer a large block of data in 64-byte packets via
the USB
— Automatic Data PID toggling/checking and NAK
packet recovery (maximum 256x64 bytes of data =
16K bytes)
q
MICROWIRE/PLUS interface


Similar Part No. - USBN9604SLB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
USBN9604SLB/NOPB TI-USBN9604SLB/NOPB Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9604SLBX TI1-USBN9604SLBX Datasheet
538Kb / 62P
[Old version datasheet]   Low EMI, low standby current, 24 MHz oscillator
USBN9604SLBX/NOPB TI-USBN9604SLBX/NOPB Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
More results

Similar Description - USBN9604SLB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9604-28MX TI1-USBN9604-28MX Datasheet
528Kb / 62P
[Old version datasheet]   USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
   USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com