Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R70A-1 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48R70A-1
Description  I/O Type 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R70A-1 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48R70A-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R70A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Pad Description
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Wake-up
Pull-high*
CMOS or Schmitt
Input
Bidirectional 8-bit input/output ports
Each bit can be configured as a wake-up input by options. Software instruc-
tions determine the CMOS output or Schmitt trigger or CMOS input with or with-
out pull high resistor (by options).
PB0~PB7
I/O
Pull-high*
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or Schmitt trigger input
(pull-high depends on options).
VSS
¾¾
Negative power supply, ground
INT
I
¾
External interrupt Schmitt trigger without pull high resistor
Edge trigger is activated during high to low transition.
TMR0
I
¾
Schmitt trigger input for Timer/Event Counter 0
TMR1
I
¾
Schmitt trigger input for Timer/Event Counter 1
PC0~PC7
I/O
Pull-high*
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or Schmitt trigger input
(pull-high depends on options).
RES
I
¾
Schmitt trigger reset input, active low
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal
or RC
or RTC
OSC1 and OSC2 are connected to an RC network or a crystal (by options) for
the internal system clock. In the case of RC operation, OSC2 is the output
terminal for 1/4 system clock.
These two pins also can be optioned as an RTC oscillator (32768Hz). In this
case, the system clock comes from an internal RC oscillator whose fre-
quency has 4 options (3.2MHz, 1.6MHz, 800kHz, 400kHz)
PD0~PD7
I/O
Pull-high*
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or Schmitt trigger input
(pull-high depends on options).
PE0~PE7
I/O
Pull-high*
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or Schmitt trigger input
(pull-high depends on options).
PF0~PF7
I/O
Pull-high*
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or Schmitt trigger input
(pull-high depends on options).
PG0~PG7
I/O
Pull-high*
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or Schmitt trigger input
(pull-high depends on options).
Note:
* The pull-high resistors of each I/O port (PA, PB, PC, PD, PE, PF, PG) are controlled by an option.
CMOS or Schmitt trigger option of port A is controlled by an option.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT48R70A-1/HT48C70-1
Rev. 1.60
5
June 9, 2004


Similar Part No. - HT48R70A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48R70A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com