Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM5204EECE Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM5204EECE
Description  Quad Channel Low Capacitance ESD Protection Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM5204EECE Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM5204EECE Datasheet HTML 1Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 2Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 3Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 4Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 5Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 6Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 7Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 8Page - Union Semiconductor, Inc. UM5204EECE Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Mar.2016
3/11
UM5204
Electrical Characteristics (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse Stand-Off
Voltage
VRWM
VCC to GND
5.0
V
Reverse Breakdown
Voltage
VBR
IT=1mA,
VCC to GND
6.0
V
Reverse Leakage
Current
IR
VRWM=5V,
VCC to GND
2
µA
Clamping Voltage
VC
IPP=1A, 8/20µs
Any I/O Pin to GND
8
10
V
Clamping Voltage
VC
IPP=5A, 8/20µs
Any I/O Pin to GND
12
15
V
Junction
Capacitance
Cj
VR=0V, f=1MHz
Any I/O Pin to GND
2
pF
VR=0V, f=1MHz ,
Between I/O Pins
1
pF
VR=0V, f=1MHz
VCC to GND
60
pF
VR=2.5V, f=1MHz
VCC to GND
40
pF
Reverse Recovery
Time
Trr
Any I/O Pin to VCC
130
ns
GND to VCC
300
ns
GND to any I/O Pin
400
ns
Note 1: I/O pins are pin 1, 3, 4, and 6


Similar Part No. - UM5204EECE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECE UNIONSEMI-UM5204EECE Datasheet
186Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
More results

Similar Description - UM5204EECE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304 UNIONSEMI-UM5304 Datasheet
334Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204 Datasheet
393Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EECE UNIONSEMI-UM5204EECE Datasheet
186Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com