Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5620ATR Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC5620ATR
Description  3.3 or 5 V power supply operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620ATR Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC5620ATR Datasheet HTML 7Page - IXYS Corporation CPC5620ATR Datasheet HTML 8Page - IXYS Corporation CPC5620ATR Datasheet HTML 9Page - IXYS Corporation CPC5620ATR Datasheet HTML 10Page - IXYS Corporation CPC5620ATR Datasheet HTML 11Page - IXYS Corporation CPC5620ATR Datasheet HTML 12Page - IXYS Corporation CPC5620ATR Datasheet HTML 13Page - IXYS Corporation CPC5620ATR Datasheet HTML 14Page - IXYS Corporation CPC5620ATR Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
R05
www.ixysic.com
11
half-cycle of the ringing signal for the CPC5620. For
the CPC5621, the RING output returns high for a short
period near the zero-crossing of the ringing signal
before returning low during the positive half-cycle. For
both the CPC5620 and CPC5621, the RING output
remains high between ringing signal bursts.
The ringing detection threshold depends on the values
of R3 (RSNPD), R6 & R44 (RSNP-), R7 & R45 (RSNP+),
C7 (CSNP-), and C8 (CSNP+). The value of these
components shown in the application circuits are
recommended for typical operation. The ringing
detection threshold can be changed according to the
following formula:
Where:
R
SNPD = R3 in the application circuits shown in this
data sheet.
RSNP
TOTAL = the total of R6, R7, R44, and R45 in
the application circuits shown in this data sheet.
C
SNP = C7 = C8 in the application circuits shown in
this data sheet.
And ƒ
RING is the frequency of the ringing signal.
IXYS Integrated Circuits Division Application Note
AN-117 Customize Caller ID Gain and Ring Detect Voltage
Threshold is a spreadsheet for trying different
component values in this circuit. Changing the ringing
detection threshold will also change the caller ID gain
and the timing of the polarity reversal detection pulse,
if used.
3.2.2 Polarity Reversal Detection with
CPC5621 in On-hook State
The full-wave ringing detector in the CPC5621 makes
it possible to detect on-hook tip and ring polarity
reversal using the RING output. When the polarity of
tip and ring reverses, a pulse on RING indicates the
event. Your system logic must be able to discriminate
this single pulse of approximately 1 msec (using the
recommended snoop circuit external components)
from a valid ringing signal.
3.2.3 On-hook Caller ID Signal Reception
On-hook caller ID (CID) signals are processed by
LITELINK by coupling the CID data burst through the
snoop circuit to the LITELINK RX outputs under
control of the CID pin. In North America, CID data
signals are typically sent between the first and second
ringing signal.
In North American applications, follow these steps to
receive on-hook caller ID data via the LITELINK RX
outputs:
1.
Detect the first ringing signal outputs on RING.
2.
Assert CID low.
3.
Process the CID data from the RX outputs.
4.
De-assert CID (high or floating).
Note: Taking LITELINK off-hook (via the OH pin)
disconnects the snoop path from both the receive
outputs and the RING output, regardless of the state
of the CID pin.
CID gain from tip and ring to RX+ and RX- is
determined by:
Where:
R
SNPD = R3 in the application circuits in this data
sheet
RSNP
TOTAL = the total of R6, R7, R44, and R45 in
the application circuits in this data sheet
C
SNP = C7 = C8 in the application circuits in this data
sheet
and where ƒ is the frequency of the CID signal
The recommended components in the application
circuit yield a gain 0.27 dB at 2000 Hz. IXYS
Integrated Circuits Division Application Note AN-117
Customize Caller ID Gain and Ring Detect Voltage Threshold
is a spreadsheet for trying different component values
in this circuit. Changing the CID gain will also change
the ring detection threshold and the timing of the
polarity reversal detection pulse, if used.
VRINGPK
750mV
RSNPD
-----------------


RSNP
TOTAL
RSNPD
+

2
1
f
RINGCSNP

2
--------------------------------------
+
=
GAINCID dB

20
6RSNPD
RSNP
TOTAL
RSNPD
+

2
1
fC
SNP

2
--------------------------
+
-------------------------------------------------------------------------------------------------
log
=


Similar Part No. - CPC5620ATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5620ATR CLARE-CPC5620ATR Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
CPC5620ATR CLARE-CPC5620ATR Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
More results

Similar Description - CPC5620ATR

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
   (3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
logo
Marktech Corporate
TB62778FNG MARKTECH-TB62778FNG Datasheet
247Kb / 23P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
logo
Toshiba Semiconductor
TB62D612FTG TOSHIBA-TB62D612FTG Datasheet
616Kb / 24P
   24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single or Dual-Supply Operation
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Texas Instruments
TLV1543C TI1-TLV1543C_14 Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
logo
Analog Devices
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com