Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRS10F-15 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # KRS10F-15
Description  10 WATT, Universal Input PCB Mountable Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KRS10F-15 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  KRS10F-15 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. KRS10F-15 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KRS10F Series
Kaga Electronics (USA) Inc. 2480 N. First St., Suite #100, San Jose, CA 95131
Phone: (408) 570-0955 | Fax: (408) 570-0186 | Toll Free: (888) 2-VOLGEN (888-286-5436)
www.volgen.com
10 WATT, Universal Input
PCB Mountable Switching Power Supply
INPUT SPECIFICATIONS
All specifications are typical at nominal input, full load.
INPUT SPECIFICATIONS
Input Voltage
AC 85-264V
Input Frequency
47 ~ 63 Hz
Input Current
0.15 ~ 0.22A Typ
Inrush Current
(100/230VAC cold start)
10A
OUTPUT SPECIFICATIONS
Output Voltage
See Chart
Efficiency
74 ~ 82%
Over-Current Protection
Automatic Recovery (105%
min)
Ripple and Noise
See Chart
Hold-Up Time
110V
– 11mS
230V
– 120mS
Load Regulation
50mV max
Rise Time
110V
– 190mS
230V
– 185mS
Leakage Current
(100/230VAC)
<0.75 mA
GENERAL SPECIFICATIONS
Isolation Voltage
Primary to Secondary
3000VAC
Primary to Case
2000VAC.
Secondary to Case
500VAC.
Isolation Resistance
100 M-Ohms min.
Safety Approvals
UL60960
CSA C22.2 No.60960(cUL)
CE EN60950 3
rd Edition(LVD)
Physical Dimensions
1.26 x 2.56in (W x L)
FEATURES
EXTREMELY SMALL (1.26 X 2.56in)
UNIVERSAL INPUT (AC85-264V)
OVERCURRENT PROTECTION
LIGHTWEIGHT CONSTRUCTION
DIRECT PCB MOUNTABLE
COMPACT, LOW-PROFILE PACKAGES
3 YEAR WARRANTY
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
10°C~+70°C Derates
Linearly 2.5%/°C After
50°C
Cooling.
Convection
Temperature Coefficient
0.02% / ° C
Humidity
20-85% Rh (non-
condensing)
Storage Temperature
-20°C ~ +85°C
Shock Vibration
Shock: 20G (3 directions
each 3 times)
Vibration: 10 ~ 55Hz


Similar Part No. - KRS10F-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KRS10F-15S ETC1-KRS10F-15S Datasheet
169Kb / 2P
   10 WATT, Universal Input PCB Mountable Switching Power Supply
logo
Volgen Kaga Electronics...
KRS10F-15S VOLGEN-KRS10F-15S Datasheet
169Kb / 2P
   10 WATT, Universal Input PCB Mountable Switching Power Supply
More results

Similar Description - KRS10F-15

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KRS10F VOLGEN-KRS10F Datasheet
169Kb / 2P
   10 WATT, Universal Input PCB Mountable Switching Power Supply
logo
List of Unclassifed Man...
KRS10F ETC1-KRS10F Datasheet
169Kb / 2P
   10 WATT, Universal Input PCB Mountable Switching Power Supply
logo
Volgen Kaga Electronics...
KRS25F-03 VOLGEN-KRS25F-03 Datasheet
71Kb / 2P
   25 WATT, Universal Input PCB Mountable Switching Power
logo
List of Unclassifed Man...
SPN15 ETC1-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN30 VOLGEN-SPN30 Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SP15U ETC1-SP15U Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN50 VOLGEN-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com