Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHV12-1.5K1000P Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # VHV12-1.5K1000P
Description  Ultracompact, Adjustable Output High-Voltage Power Supply 1.5Watt Medium-High Voltage DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

VHV12-1.5K1000P Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  VHV12-1.5K1000P Datasheet HTML 1Page - Volgen Kaga Electronics Inc. VHV12-1.5K1000P Datasheet HTML 2Page - Volgen Kaga Electronics Inc. VHV12-1.5K1000P Datasheet HTML 3Page - Volgen Kaga Electronics Inc. VHV12-1.5K1000P Datasheet HTML 4Page - Volgen Kaga Electronics Inc. VHV12-1.5K1000P Datasheet HTML 5Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■ Shape, dimensions and terminal composition
Weight: TBD
Unit: mm
Unspecified dimensional tolerance ±0.5
1) Terminal
Material: Phosphor bronze
Treatment: Ni base Au plating
2) Case
 Material: Brass
 Treatment: Nickel plating
■ Standard method of use
■ ON/OFF Control
Output voltage can be turned ON/OFF by closing/opening between the
ON/OFF terminal and -Vin terminal.
Ensure that there is no chattering to the ON/OFF terminal which affects
output voltage. Output residual voltage is 0.5% or less when output is
OFF under ON/OFF control (at the rated input-output).
As the ON/OFF terminal is pulled up to +Vin inside the power supply,
pay attention to the voltage of elements (photocoupler, transistor, etc.)
to switch the ON/OFF terminal.
Short-circuit when ON/OFF is not controlled.
    Between ON/OFF terminal (5) and -Vin terminal (2)
    (1) Output OFF when opened
    (2) Output ON when short-circuited (0 - 0.4V, 1mA max.)
Pin-NO.
1
2
3
4
5
6
Pin name
Com (Vout)
ON/OFF
Vref
Vcont
-Vin
+Vin
7
Vout (+ or -)
12V
SW1
Load
1
2
4
6
3
SW1
Open=OFF
Short=ON
+
C1
5
7
+
Output voltage control
(0V to 6V applied)
C1=47μF
(OPEN)
+Vin
-Vin
Vout (+ or -)
Com (Vout)
Vref
Vcont
ON/OFF
CASE
-Vin
ON/OFF
(5)
(2)
Non-isolated type
-Vin
ON/OFF
(5)
(2)
Isolated type
2.0
16.0
44.0±0.5
0.5
35.5
2×CASE PIN
7-0.64□L=4.2 min
7.62
±0.3
7.62
±0.3
5.08
±0.3
2.54±0.1
2.54×4=10.16
VHV
The
VHV series does not basically require
additional parts, but add capacitor C1 to the input
terminal if input impedance is high due to a long
distance between the power supply and
converter, the input line is thin, a filter is inserted
on the input side, etc. When fitting a capacitor, try
to add on the converter terminal side so as to
reduce lead inductance.
Volgen
1 2 3 4 5
6
7


Similar Part No. - VHV12-1.5K1000P

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
VHV12-1.5K1300N VOLGEN-VHV12-1.5K1300N Datasheet
270Kb / 2P
   Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
VHV12-1.5K1300P VOLGEN-VHV12-1.5K1300P Datasheet
270Kb / 2P
   Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
More results

Similar Description - VHV12-1.5K1000P

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
OHV BELLNIX-OHV Datasheet
290Kb / 5P
   Ultracompact, Adjustable Output High-Voltage Power Supply 1.5Watt Medium-High Voltage DC-DC Converter
BYH BELLNIX-BYH Datasheet
252Kb / 4P
   Ultra small size, Adjustable output voltage type high voltage power supply 0.2W Mid-high voltage DC-DC converter
MHV12-470S06P BELLNIX-MHV12-470S06P Datasheet
394Kb / 5P
   Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
MHV12-180S15P BELLNIX-MHV12-180S15P Datasheet
201Kb / 4P
   Ultra small size Adjustable output high voltage power supply 2.5W to 3W Mid-high voltage DC-DC converter
logo
Volgen Kaga Electronics...
VHV12-470S06P VOLGEN-VHV12-470S06P Datasheet
270Kb / 2P
   Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
logo
Vishay Siliconix
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com