Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-845M Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTV-845M
Description  LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-845M Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTV-845M Datasheet HTML 1Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 2Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 3Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 4Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 5Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 6Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 7Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 8Page - Lite-On Technology Corporation LTV-845M Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* High current transfer ratio
( CTR : MIN. 600% at IF = 1mA, VCE = 2V )
* High input-output isolation voltage
( Viso = 5,000Vrms )
* Response time
( tr : TYP. 60
µs at VCE = 2V, IC = 10mA, RL = 100Ω )
* Dual-in-line package :
LTV-815 : 1-channel type
LTV-825 : 2-channel type
LTV-845 : 4-channel type
* Wide lead spacing package :
LTV-815M : 1-channel type
LTV-825M : 2-channel type
LTV-845M : 4-channel type
* Surface mounting package :
LTV-815S : 1-channel type
LTV-825S : 2-channel type
LTV-845S : 4-channel type
* Tape and reel packaging :
LTV-815S-TA1, LTV-825S-TA1
* UL approved ( No. E113898 )
* TUV approved ( No. R9653630 )
* CSA approved ( No. CA91533-1 )
* FIMKO approved ( No. 193422-01 )
* NEMKO approved ( No. P96103013 )
* DEMKO approved ( No. 303986 )
* SEMKO approved ( No. 9646047 / 01-30 )
* VDE approved ( No. 094722 )
Part No. : LTV-815 / 825 / 845 ( M, S, S-TA1 )
Page :
1 of 12
BNS-OD-C131/A4


Similar Part No. - LTV-845M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-845M TENAND-LTV-845M Datasheet
412Kb / 13P
   Property of LITE-ON Only
More results

Similar Description - LTV-845M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com