Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15E1C8.25 Datasheet(PDF) 8 Page - Littelfuse

Part # 15E1C8.25
Description  MEDIUM VOLTAGE FUSES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

15E1C8.25 Datasheet(HTML) 8 Page - Littelfuse

Back Button 15E1C8.25 Datasheet HTML 2Page - Littelfuse 15E1C8.25 Datasheet HTML 3Page - Littelfuse 15E1C8.25 Datasheet HTML 4Page - Littelfuse 15E1C8.25 Datasheet HTML 5Page - Littelfuse 15E1C8.25 Datasheet HTML 6Page - Littelfuse 15E1C8.25 Datasheet HTML 7Page - Littelfuse 15E1C8.25 Datasheet HTML 8Page - Littelfuse 15E1C8.25 Datasheet HTML 9Page - Littelfuse 15E1C8.25 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
8 of 10
E-RATED MEDIUM VOLTAGE FUSES
E-RATED
ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
10E1CL5.5
10E
16.38"
15.13"
80,000
7
15E1CL5.5
15E
16.38"
15.13"
80,000
7
20E1C5.5
20E
16.38"
15.13"
80,000
7
25E1CL5.5
25E
16.38"
15.13"
80,000
7
30E1CL5.5
30E
16.38"
15.13"
80,000
7
40E1CL5.5
40E
16.38"
15.13"
80,000
7
50E1CL5.5
50E
16.38"
15.13"
80,000
7
65E1CL5.5
65E
16.38"
15.13"
80,000
7
80E1CL5.5
80E
16.38"
15.13"
80,000
7
100E1CL5.5
100E
16.38"
15.13"
80,000
7
125E1CL5.5
125E
16.38"
15.13"
80,000
7
150E1CL5.5
150E
16.38"
15.13"
80,000
7
225E2CL5.5
225E
17.38"
16.13"
80,000
8
250E2CL5.5
250E
17.38"
16.13"
80,000
8
300E2CL5.5
300E
17.38"
16.13"
80,000
8
350E2CL5.5
350E
17.38"
16.13"
80,000
8
400E2CL5.5
400E
17.38"
16.13"
80,000
8
450E2CL5.5
450E
17.38"
16.13"
80,000
8
500E3CL5.5
500E
17.38"
16.13"
80,000
9
550E3CL5.5
550E
17.38"
16.13"
80,000
9
600E3CL5.5
600E
17.38"
16.13"
80,000
9
4.31
7.94
11.56
1.25
A B
1.25
.25
3.0
Clip Lock Design
The clip lock type designs ensures a positive contact between
the fuse and the connection cam. The fuse’s clip lock tab slides
in between the clip casting and the cam to prevent the fuse
from slipping or blowing out of the holder. This positive contact
improves heat dissipation and allows fuses to run cooler.
Figure 7
Figure 8
Figure 9
E-RATED
ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
10E1CL8.25
10E
17.38"
16.13"
80,000
7
15E1CL8.25
15E
17.38"
16.13"
80,000
7
20E1C8.25
20E
17.38"
16.13"
80,000
7
25E1CL8.25
25E
17.38"
16.13"
80,000
7
30E1CL8.25
30E
17.38"
16.13"
80,000
7
40E1CL8.25
40E
17.38"
16.13"
80,000
7
50E1CL8.25
50E
17.38"
16.13"
80,000
7
65E1CL8.25
65E
17.38"
16.13"
80,000
7
80E1CL8.25
80E
17.38"
16.13"
80,000
7
100E1CL8.25
100E
17.38"
16.13"
80,000
7
125E2CL8.25
125E
17.38"
16.13"
80,000
8
150E2CL8.25
150E
17.38"
16.13"
80,000
8
175E2CL8.25
175E
17.38"
16.13"
80,000
8
200E2CL8.25
200E
17.38"
16.13"
80,000
8
225E2CL8.25
225E
17.38"
16.13"
80,000
8
250E2CL8.25
250E
17.38"
16.13"
80,000
8
300E2CL8.25
300E
17.38"
16.13"
80,000
8
350E3CL8.25
350E
17.38"
16.13"
80,000
9
E-RATED
ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
10E1CL15.5
10E
19.8"
18.1"
60,000
7
15E1CL15.5
15E
19.8"
18.1"
60,000
7
20E1CL15.5
20E
19.8"
18.1"
60,000
7
25E1CL15.5
25E
19.8"
18.1"
60,000
7
30E1CL15.5
30E
19.8"
18.1"
60,000
7
40E1CL15.5
40E
19.8"
18.1"
60,000
7
50E1CL15.5
50E
19.8"
18.1"
60,000
7
65E1CL15.5
65E
22.81"
21.13"
60,000
7
80E1CL15.5
80E
22.81"
21.13"
60,000
7
100E1CL15.5
100E
22.81"
21.13"
60,000
7
125E2CL15.5
125E
22.81"
21.13”
60,000
8
150E2CL15.5
150E
22.81”
21.13”
60,000
8
175E2CL15.5
175E
22.81"
21.13”
60,000
8
200E2CL15.5
200E
22.81”
21.13”
60,000
8
150E3CL15.5
150E
22.81"
21.13”
60,000
9
200E3CL15.5
200E
22.81"
21.13”
60,000
9
250E3CL15.5
250E
22.81"
21.13”
60,000
9
300E3CL15.5
300E
22.81"
21.13”
60,000
9
Dimensions in inches
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6


Similar Part No. - 15E1C8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15E1C8.25 LITTELFUSE-15E1C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C8.25 LITTELFUSE-15E1C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C8.25 LITTELFUSE-15E1C8.25 Datasheet
564Kb / 10P
   Power Transformer Protection
15E1C8.25 LITTELFUSE-15E1C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 15E1C8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com