Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV825M Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTV825M
Description  LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV825M Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTV825M Datasheet HTML 4Page - Lite-On Technology Corporation LTV825M Datasheet HTML 5Page - Lite-On Technology Corporation LTV825M Datasheet HTML 6Page - Lite-On Technology Corporation LTV825M Datasheet HTML 7Page - Lite-On Technology Corporation LTV825M Datasheet HTML 8Page - Lite-On Technology Corporation LTV825M Datasheet HTML 9Page - Lite-On Technology Corporation LTV825M Datasheet HTML 10Page - Lite-On Technology Corporation LTV825M Datasheet HTML 11Page - Lite-On Technology Corporation LTV825M Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Ambient Temperature
Fig.10 Response Time vs. Load
Fig.11 Frequency Response
0
-30
1k
V
= 10V
CE
Ta= 25 C
tr
tf
td
ts
vs. Ambient Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Frequency f (kHz)
-10
o
100
o
o
o
o
0
255075
100
50
100
150
-20
0
0.2
0.4
0.6
0.8
1.0
0
20406080
100
10
-25
0.2
0.05
0
255075
100
10
10
10
10
10
10
-9
-8
-7
-6
-5
-11
0.1 0.2
0.5
1
2
5
10
0.5
1
2
5
10
20
50
100
200
500
0.02
-20
-10
0
0.1
10
100
1
Resistance
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Load resistance RL(k )
RL
RD
RL
RD
Output
Vcc
IF=1mA
VCE=2V
IF=20mA
IC=5mA
VCE=2V
IC=10mA
VCE=2V
IC= 2mA
Ta= 25 C
Part No. : LTV-815 / 825 / 845 ( M, S, S-TA1 )
Page : 11 of 12
BNS-OD-C131/A4


Similar Part No. - LTV825M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV8241-V LITEON-LTV8241-V Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV8241-V TENAND-LTV8241-V Datasheet
708Kb / 6P
   High Transfer Efficiency AC Iuput Type Photocoupler
logo
Lite-On Technology Corp...
LTV8241M-V LITEON-LTV8241M-V Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV8241M-V TENAND-LTV8241M-V Datasheet
708Kb / 6P
   High Transfer Efficiency AC Iuput Type Photocoupler
logo
Lite-On Technology Corp...
LTV8241S-V LITEON-LTV8241S-V Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
More results

Similar Description - LTV825M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com