Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65937A0000X022 Datasheet(PDF) 2 Page - TDK Electronics

Part # B65937A0000X022
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65937A0000X022 Datasheet(HTML) 2 Page - TDK Electronics

  B65937A0000X022 Datasheet HTML 1Page - TDK Electronics B65937A0000X022 Datasheet HTML 2Page - TDK Electronics B65937A0000X022 Datasheet HTML 3Page - TDK Electronics B65937A0000X022 Datasheet HTML 4Page - TDK Electronics B65937A0000X022 Datasheet HTML 5Page - TDK Electronics B65937A0000X022 Datasheet HTML 6Page - TDK Electronics B65937A0000X022 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core
For inductive proximity switches
Material N22 for the frequency
range from about 70 to 700 kHz
Coil former
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Crastin SK 645 FR® E41938 (M), E I DUPONT DE NEMOURS & CO INC
Material
Approx. weight
g
Ordering code
N22
2.5
B65937A0000X022
AN
mm2
lN
mm
AR value

Ordering code
8.4
28
115
B65542B0000T001
B65937, B65542
Core and accessories
P core half 14
 7.5


Similar Part No. - B65937A0000X022

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65937A0000X022 EPCOS-B65937A0000X022 Datasheet
64Kb / 4P
   Ferrites and accessories
B65937A0000X022 EPCOS-B65937A0000X022 Datasheet
214Kb / 7P
   Ferrites and accessories
More results

Similar Description - B65937A0000X022

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com