Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65651+0250A048 Datasheet(PDF) 5 Page - TDK Electronics

Part # B65651+0250A048
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65651+0250A048 Datasheet(HTML) 5 Page - TDK Electronics

  B65651+0250A048 Datasheet HTML 1Page - TDK Electronics B65651+0250A048 Datasheet HTML 2Page - TDK Electronics B65651+0250A048 Datasheet HTML 3Page - TDK Electronics B65651+0250A048 Datasheet HTML 4Page - TDK Electronics B65651+0250A048 Datasheet HTML 5Page - TDK Electronics B65651+0250A048 Datasheet HTML 6Page - TDK Electronics B65651+0250A048 Datasheet HTML 7Page - TDK Electronics B65651+0250A048 Datasheet HTML 8Page - TDK Electronics B65651+0250A048 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly for printed circuit boards
The set comprises a terminal carrier and a yoke
For snap-in connection
Terminal carrier
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code gray
Pocan B4235® E245249 (M), LANXESS AG
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Yoke
Spring yoke, made of tinned nickel silver (0.3 mm), with ground terminal
4 solder terminals
8 solder terminals
Complete mounting assembly
(4 solder terminals)
Ordering code: B65655B0009X000
Complete mounting assembly
(8 solder terminals)
Ordering code: B65655B0010X000
*) This recess must be on the side of the grounding pin to ensure that the yoke locks in position.
a) Yoke
b) Terminal carrier with 4 solder terminals
c) Terminal carrier with 8 solder terminals
FPK0295-U
20.1 max.
Ground
*)
a
b
20.7 max.
2.54
Ground
Hole arrangement
View in mounting
direction
FPK0296-3
20.1 max.
Ground
*)
a
c
20.7 max.
2.54
Ground
Hole arrangement
View in mounting
direction
B65655
Accessories
P 18
 11


Similar Part No. - B65651+0250A048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65651 EPCOS-B65651 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65651 EPCOS-B65651 Datasheet
79Kb / 2P
   Core and Accessories
B65651-100-A33 EPCOS-B65651-100-A33 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65651-160-G48 EPCOS-B65651-160-G48 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65651-250-A48 EPCOS-B65651-250-A48 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results

Similar Description - B65651+0250A048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com