Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65839A0000R087 Datasheet(PDF) 4 Page - TDK Electronics

Part # B65839A0000R087
Description  Ferrites and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65839A0000R087 Datasheet(HTML) 4 Page - TDK Electronics

  B65839A0000R087 Datasheet HTML 1Page - TDK Electronics B65839A0000R087 Datasheet HTML 2Page - TDK Electronics B65839A0000R087 Datasheet HTML 3Page - TDK Electronics B65839A0000R087 Datasheet HTML 4Page - TDK Electronics B65839A0000R087 Datasheet HTML 5Page - TDK Electronics B65839A0000R087 Datasheet HTML 6Page - TDK Electronics B65839A0000R087 Datasheet HTML 7Page - TDK Electronics B65839A0000R087 Datasheet HTML 8Page - TDK Electronics B65839A0000R087 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
02/16
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code green
B65840B1006D001: Sumikon PM 9630® E41429 (M) , color code black,
SUMITOMO BAKELITE CO LTD
B65840B1006D002: Vyncolit/X611® E167521 (M) , VYNCOLIT NV
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Squared pins.
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
Terminals
1
4.7
17.7
128.7
6
B65840B1006D001
2
4.2
17.7
143.8
6
B65840B1006D002
Coil former
B65840
Accessories
EP 7


Similar Part No. - B65839A0000R087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65839A0000R087 EPCOS-B65839A0000R087 Datasheet
231Kb / 7P
   Ferrites and accessories
B65839A0000R087 EPCOS-B65839A0000R087 Datasheet
302Kb / 10P
   Ferrites and accessories
More results

Similar Description - B65839A0000R087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com