Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1218 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1218
Description  12-Bit Binary Multiplying D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1218 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DAC1218 Datasheet HTML 3Page - National Semiconductor (TI) DAC1218 Datasheet HTML 4Page - National Semiconductor (TI) DAC1218 Datasheet HTML 5Page - National Semiconductor (TI) DAC1218 Datasheet HTML 6Page - National Semiconductor (TI) DAC1218 Datasheet HTML 7Page - National Semiconductor (TI) DAC1218 Datasheet HTML 8Page - National Semiconductor (TI) DAC1218 Datasheet HTML 9Page - National Semiconductor (TI) DAC1218 Datasheet HTML 10Page - National Semiconductor (TI) DAC1218 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Hints (Continued)
TLH5691 – 7
FIGURE 4 Composite Output Amplifier Connection
TLH5691 – 8
FIGURE 5 DAC Settling Time Test Circuit
Amplifier
CC
Settling Time to 001%
LM11
20 pF
30 ms
LF351
15 pF
8 ms
LF351
30 pF
5 ms
Composite
20 pF
8 ms
LM11-LF351
LF356
15 pF
6 ms
FIGURE 6 Some Measured Settling Times
Diodes are 1N4148
7


Similar Part No. - DAC1218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1210 NSC-DAC1210 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
logo
Texas Instruments
DAC1210 TI1-DAC1210 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1210LCJ NSC-DAC1210LCJ Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1210LCJ NSC-DAC1210LCJ Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1210LCJ TI1-DAC1210LCJ Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Similar Description - DAC1218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
Texas Instruments
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
   12-Bit, Multiplying D/A Converter
August 1997
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
NEC
UPD7002 NEC-UPD7002 Datasheet
139Kb / 4P
   12-Bit Binary A/D Converter
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com