Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2020-23T-CF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2020-23T-CF
Description  Fast Acting 3-Electrode Miniature GDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2020-23T-CF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2020-23T-CF Datasheet HTML 1Page - Bourns Electronic Solutions 2020-23T-CF Datasheet HTML 2Page - Bourns Electronic Solutions 2020-23T-CF Datasheet HTML 3Page - Bourns Electronic Solutions 2020-23T-CF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2020T-Series-FastActing3-ElectrodeMiniatureGDT
How to Order
2020 - xxT - x x F LF
Model Number
Designator
Voltage
15 = 60 V
23 = 180 V
42 = 360 V
Leads
A = None/Cassette Applications
C = 1 mm Dia. Leads/Through-hole
Lead Shape
(See Product Dimension Drawings)
Fail-Short Option
Blank = Standard Product
F = With Fail-Short Mechanism
RoHS Compliant Option
Blank =Standard Product
LF = RoHS Compliant Product
Model 2020-xxT ships in standard bulk pack, 100 pcs./tray.
Packaging Specifications
Model
Standard Packaging Quantity
Bulk (Bag)
Tray
Box
2020-xxT-A1
250
1000
2020-xxT-C
100
900
2020-xxT-C2
100
900
2020-xxT-C3
100
900
2020-xxT-C4
100
900


Similar Part No. - 2020-23T-CF

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
2020-200 DATADELAY-2020-200 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TR < 1ns
logo
WAGO Kontakttechnik Gmb...
2020-204 WAGO-2020-204 Datasheet
375Kb / 8P
   2-conductor female connector; Push-in CAGE CLAMP짰; 1.5 mm짼; Pin spacing 3.5 mm; 4-pole; 1,50 mm짼; gray
28.12.2021
2020-207 WAGO-2020-207 Datasheet
375Kb / 8P
   2-conductor female connector; Push-in CAGE CLAMP짰; 1.5 mm짼; Pin spacing 3.5 mm; 7-pole; 1,50 mm짼; gray
29.12.2021
logo
API Delevan
2020-20K API-2020-20K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
2020-20K API-2020-20K Datasheet
1Mb / 1P
   Radial Toroidal Inductors
More results

Similar Description - 2020-23T-CF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2030-23T BOURNS-2030-23T_15 Datasheet
315Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-XXT-SM BOURNS-2030-XXT-SM Datasheet
315Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-23T BOURNS-2030-23T Datasheet
322Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-23T-SM-RPLF BOURNS-2030-23T-SM-RPLF Datasheet
322Kb / 3P
   2030-xxT-SM Series - Fast Acting 3-Electrode Miniature Gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E5-75LM SOCAY-UN3E5-75LM Datasheet
443Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN328-150HM SOCAY-UN328-150HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E7-75HM SOCAY-UN3E7-75HM Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com