Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65855A0000R087 Datasheet(PDF) 2 Page - TDK Electronics

Part # B65855A0000R087
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65855A0000R087 Datasheet(HTML) 2 Page - TDK Electronics

  B65855A0000R087 Datasheet HTML 1Page - TDK Electronics B65855A0000R087 Datasheet HTML 2Page - TDK Electronics B65855A0000R087 Datasheet HTML 3Page - TDK Electronics B65855A0000R087 Datasheet HTML 4Page - TDK Electronics B65855A0000R087 Datasheet HTML 5Page - TDK Electronics B65855A0000R087 Datasheet HTML 6Page - TDK Electronics B65855A0000R087 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
For small interface transformers and filter chokes
Suitable for high precise feedthrough gapping
Same footprint as EE5
AL value increases about 40% against EE5
Winding area larger than EE5
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 3.149 mm–1
le
= 9.73 mm
Ae
= 3.09 mm2
Amin = 2.30 mm2
Ve
= 30 mm3
Approx. weight 0.5 g/set
Gapped
Ungapped
Material
AL value
nH
e
s
approx.
mm
Ordering code
T38
16
3%
40
0.24
B65855A0016A038
25
3%
63
0.15
B65855A0025A038
40
5%
100
0.10
B65855A0040J038
63
8%
158
0.06
B65855A0063D038
Material
AL value
nH
e
Ordering code
N87
430 +30/–20%
1100
B65855A0000R087
N45
550 +30/–20%
1380
B65855A0000R045
T57
560 +30/–20%
1400
B65855A0000R057
T38
2000 +40/–30%
5000
B65855A0000Y038
T66
2200 +40/–30%
5500
B65855A0000Y066
B65855A
EP 5 through EP 20
Core
EP 5


Similar Part No. - B65855A0000R087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65855A0000R087 EPCOS-B65855A0000R087 Datasheet
111Kb / 4P
   Ferrites and accessories
B65855A0000R087 EPCOS-B65855A0000R087 Datasheet
222Kb / 7P
   Ferrites and accessories
More results

Similar Description - B65855A0000R087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com