Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2020-23T-CLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2020-23T-CLF
Description  Fast Acting 3-Electrode Miniature GDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2020-23T-CLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2020-23T-CLF Datasheet HTML 1Page - Bourns Electronic Solutions 2020-23T-CLF Datasheet HTML 2Page - Bourns Electronic Solutions 2020-23T-CLF Datasheet HTML 3Page - Bourns Electronic Solutions 2020-23T-CLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Fastacting
n
Balanced
n
Stablebreakdownthroughoutlife
n
DesignedtooperatewithTBU®devices
n
RoHScompliant*versionsavailable
Applications
n
Telecommunications
n
Industrialelectronics
n
Avionics
Characteristics
2020T-Series-FastActing3-ElectrodeMiniatureGDT
“TBU”isaregisteredtrademarkofBourns,Inc.intheUnitedStatesandothercountries.
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Characteristic
Model No.
2020-15T
2020-23T
2020-42T
Minimum DC Sparkover (100 V/s)
Throughout Service Life
60 V
180 V
360 V
Maximum Impulse Sparkover (1) (5 kV/µs)
Throughout Service Life
500 V
650 V
850 V
Impulse Transverse Delay..................1000 V/µs ............................................................................... < 75 ns
Insulation Resistance (IR) ..................50 V / 100 V............................................................................ > 109 Ω
Glow Voltage ......................................10 mA..................................................................................... ~ 70 V
Arc Voltage .........................................>1 A........................................................................................ ~ 10 V
Glow-Arc Transition Current ............................................................................................................... < 0.5 A
Capacitance........................................1 MHz..................................................................................... < 2 pF
DC Holdover Voltage (Network Applied per ITU-T K.12)
2020-15T .......................................52 V........................................................................................ < 150 ms
2020-23T .......................................80 V........................................................................................ < 150 ms
2020-42T .......................................135 V...................................................................................... < 150 ms
Service Life (2)......................................8/20 µs, 10 kA......................................................................... 1 operation
10/1000 µs, 1 kV, 200 A.......................................................... 100 operations (3)
2/10 µs, 6 kV, 2000 A.............................................................. 10 operations (3)
10/700 µs, 6 kV, 300 A............................................................ 50 operations (3)
8/20 µs, 500 A, 1.2/50 µs, 500 V............................................ 150 operations (3)
600 V, 10 Arms, 0.2 sec.......................................................... 10 operations
600 Vrms, 0.5 A - 60 A............................................................ Fail-Short activates (4)
230 Vrms, 0.5 A-25 A.............................................................. Fail-Short activates (4)
Operating Temperature Range........................................................................................................... -40 °C to +90 °C
Storage Temperature Range .............................................................................................................. -55 °C to +90 °C
Notes:
(2)
The rated discharge current is the total current equally divided between each line to ground.
(3)
Surge polarity should be reversed between consecutive surges (+,-,+,-)
(4)
Applies only to GDT with optional Fail-Short. GDT operates and will survive with Fail-Short activation.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Models with the optional Fail-Short assembly activate at low temperature (215 °C – 217 °C) when required. These models are designed to
be soldered either manually or using a selective soldering process that does not exceed 210 °C, below the temperature that the Fail-Short
assembly would activate.
Port Protection
GDT Device P/N
TBU® Device P/N
CanBus
2020-23T
TBU-CA065-100-WH
RS232
2020-23T
TBU-CA065-200-WH
RS422
2020-23T
TBU-CA065-200-WH
RS485
2020-23T
TBU-CA065-200-WH
RS485
2020-42T
TBU-CA085-200-WH
SDI
2020-23T
TBU-CA065-100-WH
VDSL
2020-15T
TBU-CA050-500-WH
Applications
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2020-23T-CLF

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
2020-200 DATADELAY-2020-200 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TR < 1ns
logo
WAGO Kontakttechnik Gmb...
2020-204 WAGO-2020-204 Datasheet
375Kb / 8P
   2-conductor female connector; Push-in CAGE CLAMP짰; 1.5 mm짼; Pin spacing 3.5 mm; 4-pole; 1,50 mm짼; gray
28.12.2021
2020-207 WAGO-2020-207 Datasheet
375Kb / 8P
   2-conductor female connector; Push-in CAGE CLAMP짰; 1.5 mm짼; Pin spacing 3.5 mm; 7-pole; 1,50 mm짼; gray
29.12.2021
logo
API Delevan
2020-20K API-2020-20K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
2020-20K API-2020-20K Datasheet
1Mb / 1P
   Radial Toroidal Inductors
More results

Similar Description - 2020-23T-CLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2030-23T BOURNS-2030-23T_15 Datasheet
315Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-XXT-SM BOURNS-2030-XXT-SM Datasheet
315Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-23T BOURNS-2030-23T Datasheet
322Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-23T-SM-RPLF BOURNS-2030-23T-SM-RPLF Datasheet
322Kb / 3P
   2030-xxT-SM Series - Fast Acting 3-Electrode Miniature Gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E5-75LM SOCAY-UN3E5-75LM Datasheet
443Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN328-150HM SOCAY-UN328-150HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E7-75HM SOCAY-UN3E7-75HM Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com