Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9180 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF9180
Description  880 MHz, 170 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9180 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF9180 Datasheet HTML 1Page - Motorola, Inc MRF9180 Datasheet HTML 2Page - Motorola, Inc MRF9180 Datasheet HTML 3Page - Motorola, Inc MRF9180 Datasheet HTML 4Page - Motorola, Inc MRF9180 Datasheet HTML 5Page - Motorola, Inc MRF9180 Datasheet HTML 6Page - Motorola, Inc MRF9180 Datasheet HTML 7Page - Motorola, Inc MRF9180 Datasheet HTML 8Page - Motorola, Inc MRF9180 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MRF9180 MRF9180S
MOTOROLA RF DEVICE DATA
Figure 2. 880 MHz Broadband Test Circuit Component Layout
C1
C5
C6
C7
C8
C9
C10
C4
C11
C12
C13
C14
C15
C16
C17
L1
L2
B1
B2
VDD
VGG
VGG
VDD
B3
B4
R1
R2
L3
C21
C18
B5
C23 C24
C25
C29
L4
C19
C20
C22
B6
C26 C27
C28
MRF9180
900MHz
PUSH PULL
Rev 01


Similar Part No. - MRF9180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF9100LR3 FREESCALE-MRF9100LR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9100LSR3 FREESCALE-MRF9100LSR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9100R3 MOTOROLA-MRF9100R3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100SR3 MOTOROLA-MRF9100SR3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
More results

Similar Description - MRF9180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9085 MOTOROLA-MRF9085 Datasheet
491Kb / 8P
   880 MHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
   945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF9200LR3 FREESCALE-MRF9200LR3_06 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF18090A MOTOROLA-MRF18090A Datasheet
175Kb / 8P
   1.80 - 1.88 GHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETS
logo
Freescale Semiconductor...
MRF6P9220HR3 FREESCALE-MRF6P9220HR3 Datasheet
437Kb / 12P
   880 MHz, 47 W AVG., 28 V SINGLE N-CDMA LATERAL N-CHANNEL RF POWER MOSFET
logo
Motorola, Inc
MRF5S19090LR3 MOTOROLA-MRF5S19090LR3 Datasheet
412Kb / 12P
   1990 MHz, 18 W AVG 2 x N-CDMA, 28 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com