Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2036-47-B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2036-47-B
Description  Miniature 3-Pole Gas Discharge Tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-47-B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2036-47-B Datasheet HTML 1Page - Bourns Electronic Solutions 2036-47-B Datasheet HTML 2Page - Bourns Electronic Solutions 2036-47-B Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2036Series-Miniature3-PoleGasDischargeTube
Product Dimensions
2036-XX-A
DIA.
5.0±0.3
(.197±.012)
7.5±0.3
(.295±.012)
DIA.
0.8±0.04
(.031±.002)
0.9±0.3
(.035±.012)
2036-XX-B2
DIA.
0.8±0.04
(.031±.002)
4.0±0.4
(.157±.016)
4.4±0.3
(.173±.012)
4.4±0.3
(.173±.012)
2036-XX-B
DIA.
0.8±0.04
(.031±.002)
25.5±0.6
(1.00±.024)
4.0±0.4
(.157±.016)
DIMENSIONS:
MM
(INCHES)
FAIL-SHORT CONFIGURATION
2036-XX-B2F SHOWN
6.2±0.3
(.244±.012)
5.3±0.3
(.209±.012)
DIA.
0.8±0.04
(.031±.002)
2036-XX-B3
DIA.
0.8±0.04
(.031±.002)
4.0±0.4
(.157±.016)
3.8±0.3
(.150±.012)
3.8±0.3
(.150±.012)


Similar Part No. - 2036-47-B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-47-B BOURNS-2036-47-B Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-47-BF BOURNS-2036-47-BF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-47-BFLF BOURNS-2036-47-BFLF Datasheet
531Kb / 3P
   Balanced Mini-TRIGARD 5 mm diameter, 7.5 mm long
2036-47-BFLF BOURNS-2036-47-BFLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-47-BLF BOURNS-2036-47-BLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results

Similar Description - 2036-47-B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-07-B3LF BOURNS-2036-07-B3LF Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-25-B3 BOURNS-2036-25-B3 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2LF BOURNS-2036-07-C2LF Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2 BOURNS-2036-07-C2 Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-35-C2 BOURNS-2036-35-C2 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-23-B3FLF BOURNS-2036-23-B3FLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com