Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2038-60-SM-RP2 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2038-60-SM-RP2
Description  Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2038-60-SM-RP2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2038-60-SM-RP2 Datasheet HTML 1Page - Bourns Electronic Solutions 2038-60-SM-RP2 Datasheet HTML 2Page - Bourns Electronic Solutions 2038-60-SM-RP2 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2038SeriesMiniatureSymmetrical3-ElectrodeSurfaceMountGasDischargeTube
Product Dimensions
How to Order
2038 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
Surface Mount
Packaging Options*
Blank = Bulk Packaging (Standard)
RP = Reelpack - 1000 pcs./reel (Optional)
RP2 = Reelpack - 1000 pcs./reel (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
*The optional -RP & -RP2 reelpacks contain 1000 pcs./reel. The reels are
330 mm (13 inches) in diameter. The -RP reelpack is 18 mm (0.71 inches)
wide. The -RP2 reelpack is 26 mm (1.02 inches) wide.
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
7.5±0.2
(.295±.008)
1.6
(.063)
5.6
(.220)
3.3
(.130)
8.2
(.323)
1.3±0.13
(.051±.005)
0.51±0.05
(.020±.002)
5.0±0.3
(.197±.012)
7.5±0.2
(.295±.008)
1.6
(.063)
5.6
(.220)
3.3
(.130)
8.2
(.323)
1.3±0.13
(.051±.005)
0.51±0.05
(.020±.002)
5.0±0.3
(.197±.012)


Similar Part No. - 2038-60-SM-RP2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2038-60-SM BOURNS-2038-60-SM Datasheet
330Kb / 3P
   2038 Series Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
More results

Similar Description - 2038-60-SM-RP2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2038-15-SM BOURNS-2038-15-SM Datasheet
330Kb / 3P
   2038 Series Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
2052-23 BOURNS-2052-23 Datasheet
240Kb / 2P
   Light Duty 3-Electrode Symmetrical Gas Discharge Tube
2030-23T BOURNS-2030-23T_15 Datasheet
315Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
logo
Shanghai Leiditech Elec...
SMD5050-090 LEIDITECH-SMD5050-090 Datasheet
3Mb / 4P
   Surface Mount 2-Electrode gas Discharge Tube
logo
Bourns Electronic Solut...
2030-XXT-SM BOURNS-2030-XXT-SM Datasheet
315Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
2030-23T BOURNS-2030-23T Datasheet
322Kb / 3P
   Fast Acting 3-Electrode Miniature Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R090-5S LEIDITECH-2R090-5S Datasheet
3Mb / 4P
   Surface Mount 2-Electrode gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN1812-470CSMD SOCAY-UN1812-470CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com