Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2036-42-SM-LF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2036-42-SM-LF
Description  Precision Gas Discharge Tube Surge Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-42-SM-LF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2036-42-SM-LF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-42-SM-LF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-42-SM-LF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REV. U 02/16
Mini-TRIGARD™ is a trademark of Bourns, Inc.
The Model 2036-xx-SM ships standard bulk pack, 250 pieces per bag, 4 bags per box.
The optional -RP & -RP2 reelpacks contain 1,000 pcs./reel. The reels are 330 mm in diameter. The -RP reelpack is 16 mm wide.
The -RP2 reelpack is 24 mm wide.
-RP
-RP2
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2036-xx-SMPrecisionGasDischargeTubeSurgeProtector
PackagingSpecifications
4.0
2.0
.41
4.0
12.0
2.0
3.00±0.10
5.26±0.10
9.35±0.10
3.00
7.80
14.90±0.10
12.0
A
SECTIONA-A
A
16.0
5.25±0.10
TOLERANCES:0.13UNLESSOTHERWISENOTED
1.7
1.50+0.10/-0.00
DIA.
1.50
DIA.
7.5
22.25
1.75
11.50
24.00
NOM.
DIMENSIONS: MILLIMETERS


Similar Part No. - 2036-42-SM-LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-42-SM-LF BOURNS-2036-42-SM-LF Datasheet
234Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2036-42-SM-LF BOURNS-2036-42-SM-LF Datasheet
242Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2036-42-SM-LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2036-XX-SM BOURNS-2036-XX-SM Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2027-XX-SM BOURNS-2027-XX-SM Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
   Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
   Gas Discharge Tube Surge Protector
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
   Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com