Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6984S Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDS6984S
Description  Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6984S Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDS6984S Datasheet HTML 1Page - Fairchild Semiconductor FDS6984S Datasheet HTML 2Page - Fairchild Semiconductor FDS6984S Datasheet HTML 3Page - Fairchild Semiconductor FDS6984S Datasheet HTML 4Page - Fairchild Semiconductor FDS6984S Datasheet HTML 5Page - Fairchild Semiconductor FDS6984S Datasheet HTML 6Page - Fairchild Semiconductor FDS6984S Datasheet HTML 7Page - Fairchild Semiconductor FDS6984S Datasheet HTML 8Page - Fairchild Semiconductor FDS6984S Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FDS6986S Rev C1 (W)
Typical Characteristics Q1
0
5
10
15
20
00.511.5
22.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
3.0V
4.5V
2.5V
3.5V
V
GS = 10V
6.0V
0.75
1
1.25
1.5
1.75
2
2.25
0
5
10
15
20
ID, DRAIN CURRENT (A)
VGS = 3.0V
3.5V
4.5V
6.0V
10V
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 6.5A
V
GS = 10V
0.015
0.025
0.035
0.045
0.055
0.065
0.075
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 3.3 A
T
A = 125
oC
TA = 25
oC
Figure 13. On-Resistance Variation with
Temperature.
Figure 14. On-Resistance Variation with
Gate-to-Source Voltage.
0
4
8
12
16
20
1.522.5
3
3.5
VGS, GATE TO SOURCE VOLTAGE (V)
T
A = -55
oC
25
oC
125
oC
V
DS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
V
GS = 0V
Figure 15. Transfer Characteristics.
Figure 16. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS6984S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984SQ1 FAIRCHILD-FDS6984SQ1 Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
More results

Similar Description - FDS6984S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com