Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2027-25-C19 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2027-25-C19
Description  2-Pole Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2027-25-C19 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2027-25-C19 Datasheet HTML 1Page - Bourns Electronic Solutions 2027-25-C19 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
8 mm diameter, 6 mm long
UL Recognized
Custom configurations available
High surge current rating
Stable breakdown throughout life
RoHS compliant* versions available
Applications
Telecommunications
Industrial electronics
Commercial electronics
Consumer electronics
Automotive, aircraft, military electronics
Characteristics
2027 Series - 2-Pole Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
Characteristic
Model No.
2027-07
2027-09
2027-15
2027-20
2027-23
2027-25
DC Sparkover ±15 %
(±20 % for Models 2027-07 & 2027-09) @ 100 V/s
75 V
90 V
150 V
200 V
230 V
250 V
Impulse Sparkover (1)
100 V/μs
1000 V/μs
300 V
500 V
300 V
500 V
350 V
575 V
400 V
600 V
450 V
675 V
475 V
700 V
Insulation Resistance .........................100 V (50 V for Models 2027-07 and 2027–09) ..................... > 1010 Ω
Glow Voltage ......................................10 mA ..................................................................................... ~ 70 V
Arc Voltage .........................................> 1A ........................................................................................ ~ 10 V
Glow-Arc Transition Current ............................................................................................................... < 0.5 A
Capacitance........................................1 MHz ..................................................................................... < 1 pF
DC Holdover Voltage (2) ......................135 V, (52 V for Models 2027-07 and 2027-09,
80 V for Model 2027-15) ........................................................ < 150 ms
Impulse Discharge Current.................25000 A, 8/20 μs (3) ................................................................. 1 operation minimum
10000 A, 8/20 μs .................................................................... > 10 operations
2500 A, 10/350 μs .................................................................. 2 operations
500 A, 10/1000 μs ................................................................. > 400 operations
100 A, 10/1000 μs or 10/700 μs ............................................. > 1000 operations
Alternating Discharge Current ............65 Arms, 11 cycles (3) .............................................................. 1 operation minimum
10 Arms, 1 s ........................................................................... > 10 operations
Operating Temperature.......................................................................................................................
-55 to +125 °C
Climatic Category (IEC 60068-1)........................................................................................................ 40/90/21
Notes:
• UL recognized component, UL File E153537.
• Model number marking on tube: 27-xxxV.
• Sparkover limits ±20 % after life, IR >108 Ω (-25 %, +30 % for Models 2027-07, 2027–09 and 2027–60).
• At delivery AQL 0.65 Level II, DIN ISO 2859.
(2) Network applied.
(3) DC Sparkover may exceed ±20 % after discharge, but will continue to protect without venting.
Characteristic
Model No.
2027-30
2027-35
2027-40
2027-42
2027-47
2027-60
DC Sparkover ±15 % @ 100 V/s
300 V
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover (1)
100 V/μs
1000 V/μs
550 V
800 V
600 V
875 V
650 V
925 V
675 V
950 V
725 V
1000 V
850 V
1100 V
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2027-25-C19

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-25-SM BOURNS-2027-25-SM Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2027-25-SM BOURNS-2027-25-SM Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2027-25-SM-LF BOURNS-2027-25-SM-LF Datasheet
187Kb / 2P
   2027-xx-SM Precision Gas Discharge Tube Surge Protector
2027-25-SM-LF BOURNS-2027-25-SM-LF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2027-25-SM-RP BOURNS-2027-25-SM-RP Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2027-25-C19

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF Datasheet
236Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2027-42-ALF BOURNS-2027-42-ALF Datasheet
257Kb / 2P
   2027 Series - 2-Pole Gas Discharge Tube
2026-07 BOURNS-2026-07_15 Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2035-09-B5LF BOURNS-2035-09-B5LF Datasheet
323Kb / 2P
   2035/2037 Series - Miniature 2-Pole Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com