Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U5CS Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # D1U5CS
Description  AC/DC Front End Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U5CS Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  D1U5CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D1U5CS-H-2825-12-HA4C
AC/DC Front End Power Supply
D1U5CS-H-2825-12-HA4C.A01 Page 1 of 5
www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
FEATURES
n
2825W (220Vac) Output power
n
Certified to Climate Savers Computing
InitiativeSM80 PLUS® Gold efficiency
n
12V Main output, 5V standby output
n
1U sized; dimensions 5.1”x14.4”x1.61”
n
23.9 Watts per cubic inch density
n
N+1 redundancy capable, including hot
plugging (up to 3 in parallel)
n
Active current sharing on main output,
ORing FET
n
Overvoltage, Overcurrent,
Overtemperature protection
n
Internal cooling fans (variable speed)
n
I²C Bus Interface with status indicators
n
RoHS compliant
ORDERING GUIDE
Model Number
Power Output Main Output Standby Output
Airflow
Connector
D1U5CS-H-2825-12-HA4C
2825W
12V
5V
Back to front, variable
AC front
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage Operating Range
180
264
Vac
Frequency
47
60
63
Hz
Maximum Current
230Vac
16
Arms
Inrush Current
90
Apk
Power Factor
At 230Vac, full load
0.95
Efficiency (230Vac) excludes fan load
20% load
88.31
%
50% load
92.63
100% load
92.05
OUTPUT VOLTAGE CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
12V
Voltage Set Point Accuracy
12.12
Vdc
Line and Load Regulation
11.75
12.48
Ripple Voltage & Noise1
20MHz Bandwidth
120
mV p-p
Output Current
0
233
A
Load Capacitance
0
2200
µF
5Vsb
Voltage Set Point Accuracy
5.0
Vdc
Line and Load Regulation
4.85
5.15
Ripple Voltage & Noise1
20MHz Bandwidth
50
mV p-p
Output Current
0
4
A
Load Capacitance
0
200
µF
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup Time
AC ramp up
1.5
s
PS_On activated
150
ms
Transient Response
12V Ramp 1A/μs
load capacitance is 2200μF
±600
mV
5Vsb Ramp 1A/μs
load capacitance is 200μF
±250
Current sharing accuracy (up to 3 in
parallel)
At 100% load
±10
%
Holdup Time
12
ms
Remote Sense
20% load
88.3
120
mV
1 Ripple and noise are measured with 0.1 µF of ceramic capacitance and 10 µF of tantalum capacitance on each of the power supply outputs. A short coaxial
cable with 50ohm scope termination is used.
CB
Test Certificate
and Test Report
PRODUCT OVERVIEW
The D1U5CS-H-2825 is a 2825 Watt, power-factor-corrected (PFC) front-end power supply for redundant systems. The
main output is 12V and the standby output is 5V. Packaged in 1U low profile, it is designed to deliver reliable bulk power
to servers, workstations, storage systems or any 12V distributed power architecture system requiring high power density.
The highly efficient electrical and thermal design with internal cooling fans supports reliable operating conditions. The
D1U5CS-H-2825 is designed to autorecover from over-temperature faults. Status information is provided with front panel
LEDs, logic signals and I2C management interface.


Similar Part No. - D1U5CS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U5CS-H-2825-12-HA4C MURATA-D1U5CS-H-2825-12-HA4C Datasheet
821Kb / 5P
   AC/DC Front End Power Supply
More results

Similar Description - D1U5CS

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com