Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U54 Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # D1U54
Description  54mm 1U Front End DC-DC Power Supply Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U54 Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  D1U54 Datasheet HTML 1Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 2Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 3Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 4Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 5Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 6Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 7Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 8Page - Murata Power Solutions Inc. D1U54 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
D1U54-D-650-12-HBxC Series
54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBxC.A02 Page 6 of 9
www.murata-ps.com/support
TIMING SPECIFICATIONS
Power Removal Holdup
Power Removal Timing
Min
Max
Notes
Vsb holdup
20ms
50ms
+VSB Full Load
V1 holdup (Total Effective)
4ms
-
100% load
DC (Input) fail detect
400μs
1000μs
PWOK delay off
2.0ms
100% load
PWOK Hold Up
2.0ms
4.0ms
OUTPUT CONNECTOR & SIGNAL INTERFACE; FCI PN 10122460-005LF
NB: Reference to “3” in Column 5, refers to the shortest level signal pin; the “shortest” pins are the “last to make, first to break” in the mating sequence.


Similar Part No. - D1U54

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HA3PC MURATA-D1U54-D-1200-12-HA3PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-D-1200-12-HA3PC MURATA-PS-D1U54-D-1200-12-HA3PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U54-D-1200-12-HA3PC MURATA-PS-D1U54-D-1200-12-HA3PC Datasheet
1Mb / 6P
   54mm Front End DC-DC Power Converter
2018
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HA4PC MURATA-D1U54-D-1200-12-HA4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-D-1200-12-HA4PC MURATA-PS-D1U54-D-1200-12-HA4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
More results

Similar Description - D1U54

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com