Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U54P Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # D1U54P
Description  54mm 1U Front End AC-DC Power Supply Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U54P Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  D1U54P Datasheet HTML 1Page - Murata Power Solutions Inc. D1U54P Datasheet HTML 2Page - Murata Power Solutions Inc. D1U54P Datasheet HTML 3Page - Murata Power Solutions Inc. D1U54P Datasheet HTML 4Page - Murata Power Solutions Inc. D1U54P Datasheet HTML 5Page - Murata Power Solutions Inc. D1U54P Datasheet HTML 6Page - Murata Power Solutions Inc. D1U54P Datasheet HTML 7Page - Murata Power Solutions Inc. D1U54P Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D1U54P-W-1200-12-HxxPC Series
54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HxxPC.A09 Page 4 of 8
www.murata-ps.com/support
STATUS AND CONTROL SIGNALS
V1_SENSE
V1SENSE_RTN
Input
Remote sense connections intended to be connected at and sense the voltage at the
point of load.
The voltage sense will interact with the internal module regulation loop to
compensate for voltage drops due to connection resistance between the output
connector and the load.
If remote sense compensation is not required then the voltage can be configured for
local sense by:
V1_SENSE directly connected to power blades 6 to 10 (inclusive)
V1_SENSE_RTN directly connected to power blades 1 to 5 (inclusive)
Compensation for up to 0.12Vdc total connection drop
(output and return connections).
ISHARE
Bi-Directional
Analogue
Bus
The current sharing signal is connected between sharing units (forming an ISHARE
bus). It is an input and/or an output (bi-directional analog bus) as the voltage on the
line controls the current share between sharing units. A power supply will respond to
a change in this voltage but a power supply can also change the voltage depending
on the load drawn from it. On a single unit the voltage on the pin (and the common
ISHARE bus would read 8VDC at 100% load (module capability). For two identical
units sharing the same 100% load this would read 4VDC for perfect current sharing
(i.e. 50% module load capability per unit).
Analogue voltage:
+8V maximum; 10K to +12V_RTN
4 VDD is an internal voltage rail derived from VSB and an internal housekeeping rail (“diode ORed”) and is compatible with the voltage tolerances of VSB).
EMISSIONS AND IMMUNITY
Characteristic
Standard
Compliance
Input Current Harmonics
IEC/EN 61000-3-2
Complies
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
Complies
Conducted Emissions
FCC 47 CFR Part 15/CISPR 22/EN55022
Class A with 6dB margin
ESD Immunity
IEC/EN 61000-4-2
Level 4 criteria A
Radiated Field Immunity
IEC/EN 61000-4-3
Level 3 criteria B
Electrical Fast Transients/Burst Immunity
IEC/EN 61000-4-4
Level 3 criteria B
Surge Immunity
IEC/EN 61000-4-5
Level 3 criteria A
RF Conducted Immunity
IEC/EN 61000-4-6
Level 3 criteria A
Magnetic Field Immunity
IEC/EN 61000-4-8
3 A/m criteria B
Voltage Dips, Interruptions
IEC/EN 61000-4-11
230Vin, 100% load, Phase 0°, Dip 100% Duration 10ms (A)
230Vin, 50% load, Phase 0°, Dip 100% Duration 20ms (VSB:A, V1:B)
230Vin, 100% load, Phase 0°, Dip 100% Duration > 20ms (VSB, V1:B)


Similar Part No. - D1U54P

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54P-12-CONC MURATA-PS-D1U54P-12-CONC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HA3PC MURATA-D1U54P-W-1200-12-HA3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HA3PC MURATA-PS-D1U54P-W-1200-12-HA3PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HA3PC MURATA-PS-D1U54P-W-1200-12-HA3PC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
2020
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HA4PC MURATA-D1U54P-W-1200-12-HA4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U54P

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com