Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U86 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # D1U86
Description  86mm 1U Front End DC-DC Power Supply Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  D1U86 Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86 Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86 Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86 Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86 Datasheet HTML 5Page - Murata Power Solutions Inc. D1U86 Datasheet HTML 6Page - Murata Power Solutions Inc. D1U86 Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
D1U86-D-1600-12-HBxDC Series
86mm 1U Front End DC-DC Power Supply Converter
D1U86-D-1600-12-HBxDC.A02 Page 2 of 7
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Rise Monotonicity
No voltage excursion
Startup Time
DC ramp up
1.5
3
s
Transient Response
12V, 50% load step, 1.0A/μs di/dt
600
mV
12VSB, 50% load step, 1.0A/μs di/dt
600
Current sharing accuracy (up to 8 in parallel)2
At 100% load
±5
%
Hot Swap Transients
All outputs remain in regulation
5
%
Holdup Time
At full load (48V input)
1
ms
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
-40
85
°C
Operating Temperature Range
0
55
Operating Humidity
Noncondensing
5
90
%
Storage Humidity
5
95
Altitude (without derating at 45°C)
3000
m
Shock
30G non-operating
Operational Vibration
1G, 10-500Hz, 1.6G (non-operational)
MTBF
Per Telcordia SR-322 M1C1@ 40°C
500K
hrs
Safety Approvals
CSA/UL 60950-1-07-2nd Ed.
IEC 60950-1:2005 (2nd Edition) w Am. 1:2009
CE Marking per LVD DIRECTIVE 2006/95/EC
Input Fuse
Power Supply has internal 60A/170VDC fast blow fuse on the DC line input
Weight
1.108kg (2.44lbs)
2 The load current of 100% refers to each power module max load connected in an N+1 configuration; therefore the total load will be “N” x 100% load of each module. The share accuracy of ±5% is a fixed
percentage irrespective of the total loading and number of units connected in parallel.
PROTECTION CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
Overtemperature (intake)
An OTP warning will be issued via the PMBus interface when the air inlet exceeds 70°C;
however the power module shall not shut down until critical internal hotspot temperatures
are exceeded.
70
°C
Overtemperature (hotspots)
The unit will shut down when internal hot spot exceed the derating guide lines and
automatically recovers when the unit is cooled down. The unit will shut down due to hot spot
at ambient temperature between 55°C-60°C with main 12V at full load.
55-60
12V
Overvoltage
Latching
13.2
14.4
V
Overcurrent
For overloads (slow) over current events a 147A nominal constant current will be sustained
until the output voltage drops below 3VDC. At this point the unit shall shut down after a
1sec period and remain in that condition for 10secs. The cycle will then repeat. For severe
(short circuit) over current events the unit shall shut down within 1ms and remain in this
condition for 200ms before attempting a re-start. the unit shall attempt
10 shutdown/re-start cycles before permanently latching off. It will then be necessary to
either recycle the DC input or toggle the PSON# input.
137
154
12VSB
Overvoltage
Latching
13.2
14.4
V
Overcurrent
Auto-recovery
2.75
3.0
A
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Insulation Safety Rating / Test Voltage
Input to Output - Basic
1500
Vdc
Input to Chassis - Basic
1500
Vdc
Isolation
Output to Chassis
500
Vdc


Similar Part No. - D1U86

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86-D-1600-12-HB3DC MURATA-PS-D1U86-D-1600-12-HB3DC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86-D-1600-12-HB3DC MURATA-PS-D1U86-D-1600-12-HB3DC Datasheet
722Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
2023
D1U86-D-1600-12-HB4DC MURATA-PS-D1U86-D-1600-12-HB4DC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86-D-1600-12-HB4DC MURATA-PS-D1U86-D-1600-12-HB4DC Datasheet
722Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
2023
D1U86-D-1600-12-HBXDC MURATA-PS-D1U86-D-1600-12-HBXDC Datasheet
722Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
2023
More results

Similar Description - D1U86

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86-D-1600-12-HXXDC MURATA-PS-D1U86-D-1600-12-HXXDC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXXDC MURATA-PS-D1U86G-W-460-12-HXXDC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G MURATA-PS-D1U86G Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com