Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U86G Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # D1U86G
Description  86mm 1U Front End AC-DC Power Supply Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86G Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  D1U86G Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86G Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86G Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86G Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86G Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D1U86G-W-460-12-HxxDC Series
86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HxxDC.A03 Page 4 of 5
www.murata-ps.com/support
PERFORMANCE DATA
Efficiency
Thermal Derating
WIRING DIAGRAM FOR OUTPUT
NOTES
Main Output: Current share is achieved using the droop method. Nominal output voltage (12.30V) is achieved at 1A load and output voltage drops at a rate of 7.83mv per amp
increase. Startup of parallel power supplies is not internally synchronized. If more than 460W combined power is needed, start-up synchronization must be provided by using
a common PS_ON signal. To account for ±10% full load current sharing accuracy and the reduction in full load output voltage due to droop, available output power must be
derated by 15% when units are operated in parallel. Internal ORing FETs are provided.
Standby output can be tied together for redundancy but total combined output power must not exceed 30W, Internal MOSFET ORing devices are used.
65
71
77
83
89
95
0
102030405060708090
100
AC120V
AC230V
Load (%)
10K
10K
1K
R1
R2
1K
R2
R1
Vo - Main output
PB1, 2, 3, 9, 10
PB4-8
Main output
load
S1-2
VSB load
VSB
VSB
D1U86
D1U86
PB1, 2, 3, 9, 10
PB4-8
Vo - Main Output
S1-2
S8
S8
PSON#
PSON#
FET, BJT, wire
or switch(debounced)
to turn on 12V main
output
FET, BJT, wire
or switch(debounced)
to turn on 12V main
output
S5
S5
PRESENT#
PRESENT#
RTN
RTN
RTN
RTN
(12V)
(12V)
010
20
30
40
50
0
50
100
150
200
250
300
350
400
450
500
Temperature (C)
90 to 264 Vac Input


Similar Part No. - D1U86G

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB3DC MURATA-D1U86G-W-460-12-HB3DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G-W-460-12-HB3DC MURATA-PS-D1U86G-W-460-12-HB3DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HB3DC MURATA-PS-D1U86G-W-460-12-HB3DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G-W-460-12-HB4DC MURATA-PS-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U86G

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXXDC MURATA-PS-D1U86G-W-460-12-HXXDC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86-D-1600-12-HXXDC MURATA-PS-D1U86-D-1600-12-HXXDC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86 MURATA-PS-D1U86 Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com