Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U86-D-1600-12-HB3DC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # D1U86-D-1600-12-HB3DC
Description  86mm 1U Front End DC-DC Power Supply Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86-D-1600-12-HB3DC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  D1U86-D-1600-12-HB3DC Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB3DC Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB3DC Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB3DC Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB3DC Datasheet HTML 5Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB3DC Datasheet HTML 6Page - Murata Power Solutions Inc. D1U86-D-1600-12-HB3DC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIMING DIAGRAM
*NOTE: The PSOK levels after the loss of the incoming DC source may be either 1.1V or 2.2V depending on the relative timing of the TDCPOK_OFF and TPWRP_GOOD_HOLD-Up
TIMING SPECIFICATIONS
Parameter
Description
Min
Max
Unit
Tsb_On
Delay from DC being applied to standby output being within regulation
0
3000
ms
Tsb_Vout
Delay from standby output to main output voltage being within regulation
50
500
ms
TPWR_GOOD_On
Delay from output voltages within regulation limits to PWR_GOOD assertion
20
500
ms
TVout_Hold-up
Delay from loss of AC to main output being out of regulation
1
ms
Tsb_Hold-up
Delay from loss of AC to standby output being out of regulation
20
2000
ms
TPWR_GOOD_OFF
Delay from de-assertion of PWR_GOOD to output falling out of regulation
1
ms
TPSON_On_Delay
Delay from PSON assertion to output being within regulation
300
500
ms
OUTPUT AND SIGNAL SPECIFICATION
Pin#
Function
Pin Type
Description
14-26, 39-51 RTN
Power Ground Power and Standby Return
1-13, 52-64 12V
Power
12V Output
37
12VSB
Power
12V Standby Output
38
PSINTERRUPT
Output
Active low; interrupt line for power
supply fault & warning detection as per
36
PRESENT#
Input
Power Supply Present Signal (shortest
35
PSOK*
Analog output
Combination of their power supply
output indicator signals:
1. DC input OK
2. Power Good
3. Power Supply Fault
34
ISHARE
Analog I/O
Analog representation of main output
current. Typical analog voltage shall be
60.15mV/Amp of main output current.
33
PSON#
Input
Power Supply on/off control signal
32
SCL
Input
SMBus/PMBus Clock
31
SDA
I/O
SMBus/PMBus Data
30
GND
Analog I/O
Power Supply Signal Ground
29
N/A
N/A
Reserved; no User connection
28
N/A
N/A
Reserved; no User connection
27
ADDR
Analog input PMBus Address


Similar Part No. - D1U86-D-1600-12-HB3DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86-D-1600-12-HB3DC MURATA-PS-D1U86-D-1600-12-HB3DC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86-D-1600-12-HB3DC MURATA-PS-D1U86-D-1600-12-HB3DC Datasheet
722Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
2023
More results

Similar Description - D1U86-D-1600-12-HB3DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86-D-1600-12-HXXDC MURATA-PS-D1U86-D-1600-12-HXXDC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXXDC MURATA-PS-D1U86G-W-460-12-HXXDC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G MURATA-PS-D1U86G Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com