Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U86P Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # D1U86P
Description  86mm 1U Front End AC-DC Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86P Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  D1U86P Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86P Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86P Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86P Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86P Datasheet HTML 5Page - Murata Power Solutions Inc. D1U86P Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D1U86P-W-1600-12-HBxDC Series
86mm 1U Front End AC-DC Power Supply
D1U86P-W-1600-12-HBxDC.A01 Page 3 of 6
www.murata-ps.com/support
STATUS INDICATORS AND CONTROL SIGNALS
Signal
Description
PSON#
Low = main output on; PSON# can be permanently tied to GND within the host system.
PRESENT#
Short pin pulled down on p/s; pulled up to either 3.3V or 12V (max) in the host system. For 3.3V use a 5.11KΩ resistor; for 12V,
use a 21KΩ resistor.
PS INTERRUPT
Open drain PMBus™ signal; can be left open if not used.
ADDR
PMBus™ Address; ADDR can be grounded or left open if not used. If grounded, the address will be 000, if it is open, the default
address will be 111.
ISHARE
Analog representation of main output current; can be left open if not used.
PSOK4
A three level signal based on AC input and DC output status; can be left open if not used.
I2C CLOCK
I2C clock
I2C DATA
I2C data
LED State
Mode
Operating Condition
1.
Off
AC Turn-off
AC Input is below minimum power-supply turn-on specification
2.
Green – blinking 1Hz
Standby
Power supply standby output is operating within normal parameters and main output is disabled
3.
Green – solid
Power-good
Power supply standby & main outputs are operating within normal parameters and delivering power
4.
Yellow – blinking 1Hz
Warning
Warning condition in power supply has been detected
5.
Yellow – solid
Fault
Fault condition in power supply has been detected.
3 See truth table below for operation
.
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
EMISSIONS AND IMMUNITY
Characteristic
Standard
Compliance
Input Current Harmonics
IEC/EN 61000-3-2
Complies
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
Complies
Conducted Emissions
FCC 47 CFR Part 15/CISPR 22/EN55022
Class A, 6dB margin
ESD Immunity
IEC/EN 61000-4-2
Level 3 criteria A
Radiated Field Immunity
IEC/EN 61000-4-3
Level 3 criteria B
Electrical Fast Transient Immunity
IEC/EN 61000-4-4
Level 3 criteria A
Surge Immunity
IEC/EN 61000-4-5
Level 3 criteria A
Radiated Field Conducted Immunity
IEC/EN 61000-4-6
Level 3 criteria A
Magnetic Field Immunity
IEC/EN 61000-4-8
3 A/m criteria B
Voltage dips, interruptions
IEC/EN 61000-4-11
230Vin, 100% load, Phase 0°, Dip 100% Duration 10ms (A)
230Vin, 50% load, Phase 0°, Dip 100% Duration 20ms (VSB:A, V1:A)
230Vin, 100% load, Phase 0°, Dip 100% Duration > 20ms (VSB, V1:B)
Pin#
Function
Pin Type
Description
14-26, 39-51
RTN
Power Ground
Power and Standby Return
1-13, 52-64
12V
Power
12V Output
37
12VSB
Power
12V Standby Output
38
PSINTERRUPT
Output
Active low; interrupt line for power supply
fault & warning detection as per PMBus spec
36
PRESENT#
Input
Power Supply Present Signal (shortest pin)
35
PSOK
Analog output
Combination of there power supply output
indicator signals:
1. AC input OK
2. Power Good
3. Power Supply Fault
34
ISHARE
Analog I/O
Analog representation of main output current.
Typical analog voltage shall be 60.15mV/Amp
of main output current.
33
PSON#
Input
Power Supply on/off control signal
32
SCL
Input
SMBus/PMBus Clock
31
SDA
I/O
SMBus/PMBus Data
30
GND
Analog I/O
Power Supply Signal Ground
29
N/A
N/A
Reserved; no User connection
28
N/A
N/A
Reserved; no User connection
27
ADDR
Analog input
PMBus Address
Power Supply Output Card Edge
PCB Top Side
PCB Bottom Side
1
64
33
32


Similar Part No. - D1U86P

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB3DC MURATA-D1U86P-D-1600-12-HB3DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HB3DC MURATA-PS-D1U86P-W-1600-12-HB3DC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P-W-1600-12-HB4DC MURATA-PS-D1U86P-W-1600-12-HB4DC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
More results

Similar Description - D1U86P

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXXDC MURATA-PS-D1U86G-W-460-12-HXXDC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G MURATA-PS-D1U86G Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86-D-1600-12-HXXDC MURATA-PS-D1U86-D-1600-12-HXXDC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86 MURATA-PS-D1U86 Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com