Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM6411 Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM6411
Description  6 Line ESD/EMI Protection for Color LCD Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM6411 Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM6411_16 Datasheet HTML 1Page - Union Semiconductor, Inc. UM6411_16 Datasheet HTML 2Page - Union Semiconductor, Inc. UM6411_16 Datasheet HTML 3Page - Union Semiconductor, Inc. UM6411_16 Datasheet HTML 4Page - Union Semiconductor, Inc. UM6411_16 Datasheet HTML 5Page - Union Semiconductor, Inc. UM6411_16 Datasheet HTML 6Page - Union Semiconductor, Inc. UM6411_16 Datasheet HTML 7Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.04 Mar.2016
5/7
UM6411
Figure 3 shows the recommended device layout. The ground pad vias have a diameter of 0.008 inches
(0.20mm) while the two external vias have a diameter of 0.010 inches (0.250mm). The internal vias
are spaced approximately evenly from the center of the pad. The designer may choose to use more
vias with a smaller diameter (such as 0.005 inches or 0.125mm) since changing the diameter of the
via will result in little change in inductance (i.e. the log function in Equation 2 in highly insensitive to
parameter d) .


Similar Part No. - UM6411_16

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM6411 UNIONSEMI-UM6411 Datasheet
359Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - UM6411_16

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM6411 UNIONSEMI-UM6411 Datasheet
359Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
UM6401 UNIONSEMI-UM6401 Datasheet
372Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
UM6401 UNIONSEMI-UM6401_16 Datasheet
249Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411 Datasheet
219Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401 Datasheet
319Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 UNIONSEMI-UM4401 Datasheet
398Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411_16 Datasheet
234Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM4701 UNIONSEMI-UM4701_16 Datasheet
346Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401_16 Datasheet
260Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM8411 UNIONSEMI-UM8411 Datasheet
239Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com