Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

026T332F501A2A1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 026T332F501A2A1
Description  Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

026T332F501A2A1 Datasheet(HTML) 2 Page - CTS Corporation

  026T332F501A2A1 Datasheet HTML 1Page - CTS Corporation 026T332F501A2A1 Datasheet HTML 2Page - CTS Corporation 026T332F501A2A1 Datasheet HTML 3Page - CTS Corporation 026T332F501A2A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSION:
mm
inch
T026 Metal Shaft, Bushing Mounting, Type "T" Solder Lug Terminals
X026 / Y026 Metal Shaft, Bushing Mounting, Printed Circuit Type X/Y Terminals
DIMENSION:
mm
inch
.437
11.1
22.2
TERMINAL (3) HOLES Ø2.18 /.086
"A" ±.016
±.031
"L" ±0.8
.875
.469
11.9
MTG. SURFACE
3/8-32 UNEF-2A
±0.4
.125
3.18
±.003 ±.003
.062±.003
.082±.003
2.08±0.08
1.57±0.08
.062±.003
1.57±0.08
CLEARANCE HOLE
.410
10.41
±0.08
.410
10.41
±0.08
.164±.003
4.16±0.08
4.0
±.031
"L"±0.8
.156
.312
7.92
TYP.
MTG. SURFACE
3/8-32NEF-2A
.437
.125
3.18
11.1
.867
Y=
4.9
.191
TYP.
.312
7.92
3.68
.082±.002
(6) HLS.
Ø2.08±0.05
X=17.5
22.0
.687
2.03±0.05
.080±.002
MTG. SURFACE
REF.
.145
MAX.
"A"
±.016
±0.4
2 - 4
© 2009 CTS Corporation. All rights reserved. Information subject to change.
12/10/09
CTS Electrocomponents
www.ctscorp.com
MOUNTING HOLE DETAIL
MOUNTING HOLE DETAIL
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
1
2
3
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
1
2
3
.250
6.35
.250
6.35


Similar Part No. - 026T332F501A2A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T320F102A1A CTS-026T320F102A1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T320F102A1D CTS-026T320F102A1D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T320F102A2A CTS-026T320F102A2A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T320F102A2D CTS-026T320F102A2D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T320F102B1A CTS-026T320F102B1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
More results

Similar Description - 026T332F501A2A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
Bi technologies
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
   3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com