Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450T824S501B3A1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 450T824S501B3A1
Description  Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450T824S501B3A1 Datasheet(HTML) 1 Page - CTS Corporation

  450T824S501B3A1 Datasheet HTML 1Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 2Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 3Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 4Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 5Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 6Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 7Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 8Page - CTS Corporation 450T824S501B3A1 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Industrial
24mm Diameter
1/2 Watt, Composition
Rotary Potentiometer
Series 450
Electrical and Mechanical Specifications
Resistance Range
100 ohms through 10 Megohms, linear
Resistance Tolerance
Power Rating
1/2 watts @ 55°C (Resistance up to 100K ohms)
1/3 watts @ 55°C (Resistance above 100K ohms)
Angle of Rotation
Total Rotation (Potentiometer and Switch)
Without switch or with push switch: 300°
300°
1 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
04/29/15
CTS Electrocomponents
www.ctscorp.com
®
Electrocomponents
Data Sheet
Rotary Potentiometer
±30%, ±20%, ±10%
1K ohms through 1 Megohms, audio
Dielectric Strength
1080 VAC for 1 minute
Maximum Operating Voltage
750 VDC
Insulation Resistance
100 Megohms minimum @ 250 VDC
Rotational Torque
Standard: 54 - 432 gf-cm
(Consult CTS for special torque)
Stop Strength
10.36 kgf-cm minimum
Push-Pull Strength of Shaft
10 kg for 10 seconds
Rotational Life
Standard: 10K cycles
Special: 100K, 250K cycles
Operating Temperature
-10°C to +80°C
Solder Heat Resistance
260°C for 5 seconds
Features
- Bushing
- Twist or Bend Tab
- Snap-in PC Bracket
- PC Terminal
Mounting Information
- Bushing
- Twist Tab
- Bend Tab
- Snap-in PC Bracket
- PC Terminal
With rotary switch: 320°
Electrical Effective Angle (Potentiometer)


Similar Part No. - 450T824S501B3A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T124F252A1A1 CTS-450T124F252A1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A1A2 CTS-450T124F252A1A2 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A1G1 CTS-450T124F252A1G1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A1G2 CTS-450T124F252A1G2 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T124F252A2A1 CTS-450T124F252A2A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results

Similar Description - 450T824S501B3A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com