Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM9711S Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM9711S
Description  90m(ohm), 1.5A High-Side Power Switches with Flag
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM9711S Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM9711S Datasheet HTML 1Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 2Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 3Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 4Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 5Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 6Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 7Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 8Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Jan.2015
1/10
UM9711
90mΩ, 1.5A High-Side Power Switches with Flag
UM9711S SOT23-5
UM9711S8 SOP8
UM9711AS8 SOP8
General Description
The UM9711/UM9711A is a low voltage, single N-MOSFET high-side power switch, optimized
for
self-powered
and
bus-powered
Universal
Serial
Bus
(USB)
applications.
The
UM9711/UM9711A is equipped with a charge pump circuitry to drive the internal MOSFET
switch; the switch's low RDS(ON), 90mΩ, meets USB voltage drop requirements. The UM9711
provides a FLG
________
signal pin which is an N-Channel open drain MOSFET output. The flag output
is available to indicate fault conditions to the local USB controller. The UM9711A doesn’t have
such function.
Additional features include soft-start to limit inrush current during plug-in, thermal shutdown to
prevent catastrophic switch failure from high-current loads, under-voltage lockout (UVLO) to
ensure that the device remains off unless there is a valid input voltage present. The maximum
current is limited to typically 2.5A in dual ports in accordance with the USB power requirements,
lower quiescent current as 40μA making this device ideal for portable battery-operated equipment.
The UM9711 is available in SOT23-5 and SOP8 packages requiring minimum board space and
smallest components while the UM9711A is available in SOP8 package.
Applications
Features
USB Bus/Self-Powered Hubs
USB Peripherals
ACPI Power Distribution
PC Card Hot Swap
Notebook, Motherboard PCs
Battery-Powered Equipment
Hot-Plug Power Supplies
Battery-Charger Circuits
Compliant to USB Specifications
Built-in N-MOSFET, Typical RDS(ON) : 90mΩ
Output can be Forced Higher than Input
(Off-State)
Low Supply Current :
40µA Typical at Switch on State
0.1µA Typical at Switch off State
Guaranteed 1.5A Continuous Load Current
Wide Input Voltage Ranges : 2.5V to 5.5V
Open-Drain Fault Flag Output (UM9711S,
UM9711S8)
Hot Plug-in Application (Soft-Start)
1.7V Typical Under-Voltage Lockout
(UVLO)
Current Limiting Protection
Thermal Shutdown Protection
Reverse Current Flow Blocking (No Body
Diode)


Similar Part No. - UM9711S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UM9711 MICROCHIP-UM9711 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM9711S

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
RT9715 RICHTEK-RT9715 Datasheet
338Kb / 15P
   90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204_15 Datasheet
249Kb / 6P
   1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com