Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM9711S Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM9711S
Description  90m(ohm), 1.5A High-Side Power Switches with Flag
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM9711S Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM9711S Datasheet HTML 2Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 3Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 4Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 5Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 6Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 7Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 8Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 9Page - Union Semiconductor, Inc. UM9711S Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Jan.2015
10/10
UM9711
IMPORTANT NOTICE
The information in this document has been carefully reviewed and is believed to be
accurate. Nonetheless, this document is subject to change without notice. Union assumes
no responsibility for any inaccuracies that may be contained in this document, and makes
no commitment to update or to keep current the contained information, or to notify a
person or organization of any update. Union reserves the right to make changes, at any
time, in order to improve reliability, function or design and to attempt to supply the best
product possible.
Union Semiconductor, Inc
Add: Unit 606, No.570 Shengxia Road, Shanghai 201210
Tel: 021-51093966
Fax: 021-51026018
Website: www.union-ic.com


Similar Part No. - UM9711S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UM9711 MICROCHIP-UM9711 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM9711S

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
RT9715 RICHTEK-RT9715 Datasheet
338Kb / 15P
   90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204_15 Datasheet
249Kb / 6P
   1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com