Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2095-270-CT1LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2095-270-CT1LF
Description  High Voltage 2-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2095-270-CT1LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2095-270-CT1LF Datasheet HTML 1Page - Bourns Electronic Solutions 2095-270-CT1LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Size: 8 mm diameter, 8 mm length
Axial leaded device
High voltage range up to 6 kV
High insulation resistance
RoHS compliant*
UL Recognized
Applications
Industrial equipment/electronics
Telecommunications electronics
Consumer electronics
Characteristics
2095 Series High Voltage 2-Electrode Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12 and IEC 61643-311.
Characteristic
Model No.
2095-80
2095-100
2095-140
2095-160
2095-200
DC Sparkover ±20 % @ 100 V/s
800 V
1000 V
1400 V
1600 V
2000 V
Impulse Sparkover (1)
100 V/µs
1000 V/µs
< 1100 V
< 1200 V
< 1300 V
< 1400 V
< 2100 V
< 2200 V
< 2300 V
< 2400 V
< 2700 V
< 2800 V
Insulation Resistance (IR) (2)............................ 250/500/1000 Vdc.............................................> 1 G
Ω
Glow Voltage ................................................... 10 mA................................................................~ 60 V
Arc Voltage ...................................................... 1 A.....................................................................~ 15 V
Capacitance..................................................... 1 MHz ...............................................................< 1.5 pF
Impulse Discharge Current
2095-80 through 2095-250 ......................... 8,000 A, 8/20 µs................................................
1 operation
5,000 A, 8/20 µs................................................
10 operations
2095-270 through 2095-600 ....................... 5,000 A, 8/20 µs................................................
1 operation
3,000 A, 8/20 µs................................................
10 operations
Alternating Discharge Current
2095-80 through 2095-250 ......................... 2 Arms, 50 Hz, 1 second...................................
1 operation min.
10 Arms, 50 Hz, 9 cycles ..................................
1 operation min.
2095-270 through 2095-300 ....................... 3 Arms, 50 Hz, 1 second...................................
1 operation min.
5 Arms, 50 Hz, 9 cycles ....................................
1 operation min.
2095-350 through 2095-600
2.5 Arms, 50 Hz, 1 second................................
1 operation min.
5 Arms, 50 Hz, 9 cycles ....................................
1 operation min.
Impulse Life ..................................................... 100 A, 10/1000 µs.............................................> 100 operations (3)
Operating Temperature...............................................................................................................
-30 to +90 °C
Storage Temperature..................................................................................................................
-40 to +115 °C
Climatic Category (IEC 60068-1)................................................................................................
40 / 90 / 21
Notes:
• UL Recognized component: UL File E313168.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
(2)
DC Breakdown
IR Measuring Voltage
800-1000 V
250 V
1400-2000 V
500 V
2500-6000 V
1000 V
(3)
Model 2095-270 and 2095-300 meet >300 operations at 100 A, 10/1000 µs.
Characteristic
Model No.
2095-250
2095-270
2095-300
2095-350
2095-400
DC Sparkover ±20 % @ 100 V/s
2500 V
2700 V
3000 V
3500 V
4000 V
Impulse Sparkover (1)
100 V/µs
1000 V/µs
< 3500 V
< 3600 V
< 3600 V
< 3800 V
< 4100 V
< 4200 V
< 4900 V
< 5000 V
< 5300 V
< 5500 V
Characteristic
Model No.
2095-450
2095-500
2095-600
DC Sparkover ±20 % @ 100 V/s
4500 V
5000 V
6000 V
Impulse Sparkover (1)
100 V/µs
1000 V/µs
< 5800 V
< 6000 V
< 6000 V
< 6400 V
< 7000 V
< 7800 V
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2095-270-CT1LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2095-270-BT1LF BOURNS-2095-270-BT1LF Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
More results

Similar Description - 2095-270-CT1LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2097-100 BOURNS-2097-100 Datasheet
164Kb / 2P
   High-Voltage 2-Electrode Gas Discharge Tube
2093 BOURNS-2093 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2089-100 BOURNS-2089-100 Datasheet
341Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com