Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM37516S Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM37516S
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37516S Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM37516S Datasheet HTML 1Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 2Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 3Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 4Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 5Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 6Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 7Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 8Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Dec.2014
1/12
UM375xx
300mA, Micropower, VLDO Linear Regulator
UM375xxS SOT23-5
UM375xxP SOT353
General Description
The UM375xx series are VLDO (very low dropout) linear regulators designed for low power
portable applications. Typical output noise is only 170μVRMS(UM37512) and maximum dropout is
just 200mV at the load current of 100mA.The internal P-channel MOSFET pass transistor requires
no base current, allowing the device to draw only 90μA during normal operation at the maximum
load current of 300mA.
Other features include high output voltage accuracy, under voltage lockout, stability with ultra low
ESR ceramic capacitors as small as 1μF, thermal overload protection and output current limiting.
The UM375xx series are available in a low profile SOT23-5 and SOT353 package.
Applications
Features
Bluetooth/802.11 Cards
PDAs and Notebook Computers
Portable Instruments and
Battery-Powered Systems
Cellular Phones
Input Voltage Range: 2.0V to 6.0V
Very Low Dropout: 200mV(Max) at 100mA
Low Noise:170μVRMS (UM37512,10Hz to
100kHz)
±2% Voltage Accuracy at 150mA
Fixed Output Voltage:
1.2V to 5.0V with 100mV Interval
Output Current Limit
Stable with 1μF Output Capacitor
Thermal Overload Protection
Low Profile SOT23-5 and SOT353 Package
Pin Configurations
Top View
5XX
M: Month Code
UM375xxS
SOT23-5


Similar Part No. - UM37516S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37516S UNIONSEMI-UM37516S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37516S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com