Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM14249S Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM14249S
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14249S Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM14249S Datasheet HTML 1Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 2Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 3Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 4Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 5Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 6Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 7Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 8Page - Union Semiconductor, Inc. UM14249S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 May.2016
1/10
UM142xx
300mA, Low Consumption, Wide Input Voltage Linear Regulator
UM142xxS SOT23-3
UM142xxY SOT89-3
UM142xxB SOT89-3
General Description
The UM142xx series are a group of positive voltage output, high precise, high PSRR and low
power consumption voltage regulator. The output voltages are selectable in 100mV steps within a
range of 2.5V to 5V. It also can be customized on command.
The UM142xx series have excellent load and line transient response and good temperature
characteristics, which can assure the stability of chip and power system.
The UM142xx series are available in a low profile SOT23-3& SOT89-3 package, which are lead
(Pb)-free.
Applications
Features
Reference Voltage Source
Battery Powered Equipment
Hand-Hold Equipment
Wireless LAN
GPS Receivers
Low Quiescent Current: 8μA at 5V
High PSRR: 60dB Range to 10kHz
Low Output Noise: 44μV
RMS
Low Dropout: 270mV at 150mA Load
Low Temperature Coefficient: ±100ppm/°C
Excellent Line Regulation: 0.05%/V
Pin Configurations
Top View
1
2
3
GND
VDD
VOUT
5XX
1
2
3
M: Month Code
UM142xxS
SOT23-3


Similar Part No. - UM14249S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14249S UNIONSEMI-UM14249S Datasheet
222Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14249S

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S Datasheet
222Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com