Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC14135MT Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC14135MT
Description  14-bit, 135MSPS D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC14135MT Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DAC14135MT Datasheet HTML 4Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 5Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 6Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 7Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 8Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 9Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 10Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 11Page - National Semiconductor (TI) DAC14135MT Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
http://www.national.com
General Description
The DAC14135 Evaluation Board is intended to aid in
evaluating the performance of the DAC14135. The board
allows the user to exercise the inputs to the DAC and
examine the output in either differential or single ended
mode. The board comes complete with the DAC14135, a
transformer network to convert a single ended clock to a
differential clock, a transformer to convert the differential
output from IOUTT and IOUTF to a single ended output,
and an edge connector. This is a 5V part, but if a
3.3V CMOS or TTL digital data interface is required, the
digital supply (DVDD) should be 3.3V. A 3.3V regulator is
provided so that the board can be run off of a single
5V supply. For the best distortion performance at the
maximum clock frequency, DVDD should be set to 5V.
Setup and Configuration
There are two terminal blocks on the DAC14135
evaluation board, one in the upper left corner next to the
AMP connectors, and one in the upper right corner. The
upper right corner has the analog power supply
connector, marked +AVDD. The connector in the upper
left is for the digital power supply and is marked +DVDD.
There is also a jumper next to the +DVDD terminal block
marked DVDD with one end marked DIRECT and the
other end marked +3.3V REG.
There are three ways to power the evaluation board. The
default method of use is to connect the 5V power supply
to both the +AVDD terminal block and the +DVDD terminal
block and connect the jumper between the DIRECT pin
(pin 1) and the middle pin (pin 2).
If a 3.3V CMOS or TTL digital data interface is required,
connect the jumper between the +3.3V REG pin (pin 3)
and the middle pin (pin 2). This enables the 3.3V
regulator on the back side of the board. The output of the
regulator is filtered and powers the digital portion of
the DAC.
To use the board in the dual supply mode, connect a 5V
supply to the +AVDD terminal block, connect a 3.3V
supply to the +DVDD terminal block and connect the
jumper between the DIRECT pin (pin 1) and the middle
pin (pin 2). This bypasses the on-board voltage regulator,
although the regulator still draws power.
Getting Data to the Evaluation Board
The DAC14135 evaluation board is shipped with the
edge connectors J1 and J2 being the default data input
interface. J1 and J2 are AMP 536511-1 and 536511-3
edge connectors respectively. Data should be at the
same voltage level as DVDD. Figure 5 below, is an edge-
on view of J2. Pins 24D-11D are the data lines with 24D
being the MSB. The ground pins are 23C, 23A, 21C, 19C,
17C, 17A, 15C, 13C, 11C, 11A, 9C, 7C, 6A, 5C, 3C, and
1C. All ground pins are tied together on-board. Also, pin
10D should be at logic LOW (0V) if the data scramble
feature on the DAC14135 is not used.
Driving the Clock Input
The evaluation board has an on-board transformer, T2,
that converts a single ended clock to a differential
clock to drive the DAC14135. For best results drive the
CLOCK SMA connector with a low jitter 50
Ω source. If a
sinusoidal source is used, its peak-to-peak amplitude
should be at least 2.5V to meet the minimum clock input
slew rate requirement. Back-to-back diodes at the sec-
ondary of the transformer T2 limit the voltage swing at
the DAC14135 Clock T and Clock F input pins.
Measuring the Analog Outputs
The evaluation board is shipped with transformer T1
installed to convert the differential output to a single
ended output. However, the 0
Ω resistors R38 and R39
are not installed. To take single ended measurements,
install R38 and R39 and attach your instrument to the
SMA connector marked ‘SINGLE’. For differential output
measurements, remove R38 and R39 if they are
installed. Note that both outputs, IOUTT and IOUTF, are
terminated with 50
Ω.
DAC14135 Evaluation Board Description
Figure 5: Pinout for J2 (Amp 536511-3)
24D 23D
22D 21D 20D 19D 18D
17D 16D 15D 14D 13D 12D 11D
10D
9D
8D
7D
6D
5D
4D
3D
2D
1D
24C 23C
22C 21C 20C 19C 18C
17C 16C 15C 14C 13C 12C 11C
10C
9C
8C
7C
6C
5C
4C
3C
2C
1C
24B 23B
22B
21B 20B
19B 18B
17B 16B 15B 14B 13B 12B 11B
10B
9B
8B
7B
6B
5B
4B
3B
2B
1B
24A 23A
22A
21A 20A
19A 18A
17A 16A 15A 14A 13A 12A 11A
10A
9A
8A
7A
6A
5A
4A
3A
2A
1A


Similar Part No. - DAC14135MT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125HL NXP-DAC1401D125HL Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL IDT-DAC1401D125HL Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
More results

Similar Description - DAC14135MT

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7872 MAXWELL-7872 Datasheet
154Kb / 11P
   14-Bit A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
National Semiconductor ...
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
   14-bit, 52MSPS A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Linear Technology
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
   14-BIT, 20MSPS, 85mW A/D CONVERTER
logo
Analog Devices
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com