Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM36540S Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM36540S
Description  300mA, Micropower, VLDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM36540S Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM36540S Datasheet HTML 1Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 2Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 3Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 4Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 5Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 6Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 7Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 8Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
5/10
UM365xx
Electrical Characteristics
VCC=VOUT+1V(VOUT1.5V) or VCC=2.5V(VOUT1.5V),TA= -40℃ to +85℃.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
Range
2.5
6
V
VOUT
Output Voltage
Range
1.2
5.0
V
IQ
Operating
Quiescent Current
IOUT=0mA
50
120
μA
IOUT=300mA
90
130
IOUT
Output Current
300
mA
Output Voltage
Accuracy
1mAIOUT300mA,
TA= -40℃ to +85℃
-2.5
+2.5
%
ΔV
DO
Dropout Voltage
IOUT=100mA
150
200
mV
ILIMT
Output Current
Limit
330
450
700
mA
Output Voltage TC
100
ppm/℃
TSHDN
Thermal-Shutdown
Temperature
160
ΔT
SHDN
Thermal-Shutdown
Hysteresis
35
Line Regulation
(VOUT4.0V)
VOUT+0.3VVIN6.0V or
VIN>2.5V
IOUT=10mA
0.5
%/V
Line Regulation
(VOUT4.0V)
0.3
Load Regulation
(VOUT4.0V)
VIN=VOUT+1V or VIN>2.5V
1mAIOUT300mA
1.2
%
Load Regulation
(VOUT4.0V)
0.6
Output Voltage
Noise
10Hz to 100KHz
CIN=1μF, IOUT=10mA
200
μV
RMS
PSRR
Power Supply
Ripple Rejection
(VOUT4.0V)
VIN=VOUT+1V
or VIN>2.5V
IOUT=100mA
f=100Hz
40
dB
f=10kHz
30
Power Supply
Ripple Rejection
(VOUT4.0V)
f=100Hz
60
f=10kHz
30
ESD Rating
Human Body Mode
2
kV


Similar Part No. - UM36540S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM36540S UNIONSEMI-UM36540S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM36540S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com