Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM37546S Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM37546S
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37546S Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM37546S Datasheet HTML 4Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 5Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 6Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 7Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 8Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 9Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 10Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 11Page - Union Semiconductor, Inc. UM37546S Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Dec.2014
8/12
UM375xx
Typical Performance Characteristics (Continued)
Outpout Voltage vs Temperature
3.270
3.280
3.290
3.300
3.310
3.320
3.330
-40 -20
0
25
35
45
55
65
75
85
95 105 115 125
Temperature(℃)
Line Transient Response
Load Transient Response
UM37533, VIN=4.3V
IOUT=10mA to 150mA
VOUT=3.3V(100mV/div)
VIN=4.3V, 100us/div
Vin=4.0V to 5.0V
VOUT=3.3V (50mV/div)
Iload=150mA, 50us/div
10
100
1000
10000
100000
0
20
40
60
80
100
PSRR vs Frequency
Frequency(Hz)
UM37533, Iload=100mA
Output Voltage vs Temperature
PSRR vs Frequency


Similar Part No. - UM37546S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37546S UNIONSEMI-UM37546S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37546S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com